Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3361 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3361
Description  300V, 1A Peak, Integrated Photo Flash Charger and IGBT Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3361 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3361 Datasheet HTML 1Page - Monolithic Power Systems MP3361 Datasheet HTML 2Page - Monolithic Power Systems MP3361 Datasheet HTML 3Page - Monolithic Power Systems MP3361 Datasheet HTML 4Page - Monolithic Power Systems MP3361 Datasheet HTML 5Page - Monolithic Power Systems MP3361 Datasheet HTML 6Page - Monolithic Power Systems MP3361 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MP3361 – 300V, 1A PEAK INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
MP3361 Rev. 0.9
www.MonolithicPower.com
5
4/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
BLOCK DIAGRAM
+
-
S
RQ
Q
Delay
300ns
27mV
+
-
S
R
Q
Q
ILIM
Interface
IDAC
One
Shot
+
-
IGBTOUT
IGBTIN
IGBT_EN
CHG
SW
FB
RDYB
1.2V
MP3361 Block Diagram
Figure 1—Function Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com