Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3361 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3361
Description  300V, 1A Peak, Integrated Photo Flash Charger and IGBT Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3361 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3361 Datasheet HTML 1Page - Monolithic Power Systems MP3361 Datasheet HTML 2Page - Monolithic Power Systems MP3361 Datasheet HTML 3Page - Monolithic Power Systems MP3361 Datasheet HTML 4Page - Monolithic Power Systems MP3361 Datasheet HTML 5Page - Monolithic Power Systems MP3361 Datasheet HTML 6Page - Monolithic Power Systems MP3361 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MP3361 – 300V, 1A PEAK INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
MP3361 Rev. 0.9
www.MonolithicPower.com
6
4/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
The MP3361 controlled flyback charger operates
in critical conduction mode. The Output voltage is
divided down through an internal 300: 1 resistive
divider from the positive terminal of the
transformer secondary, (FB pin) and compares it
with an internal 1.2V reference. The low to high
transition of the CHG pin will enable the flyback
converter to switch.
A constant TOFF of 20μs is used when the output
voltage is below 20V to avoid inrush current. The
boundary mode operation will follow to minimize
charge time when the output voltage is above
20V. A minimum TOFF of 200ns serves as
blanking for turn off transition. The circuit will stop
switching and RDYB will be pulled low once the
flash capacitor is charged to 300V, a value set by
the internal 300:1 R divider and 1.2V reference.
When the charge is full, the part will shut down its
internal circuitry with less than 1uA drawn from
VIN. Toggling the CHG pin will start the charge
cycle again. Bringing CHG pin low terminates the
power delivery and puts the part in shutdown. A
maximum TON timer prevents pulling current from
a depleted battery.
If the ON time exceeds
maximum TON, the switch is forced OFF
regardless of IPEAK detection.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com