Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-24DC Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # PLC-RSP-24DC
Description  Universal PLC Interface with PDT Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-24DC Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button PLC-RSP-24DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 9Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Input
Description
voltage
UN
Type
Order No.
Pcs./ Pkt.
PLC interface, consisting of
base terminal block PLC-BSP…ACT and
pluggable miniature relay
24 V DC2)
(see catalog part 6, page 32),
for mounting on
3
3
3
3
equipped with
power contact relay
PLC-RSP- 24DC/ACT
29 67 34 5
10
Technical data
Input data
Nominal input voltage UN
Permissible input voltage range
Typ. input current at UN
Typ. response time at UN
Typ. release time at UN
Input circuit
24 V DC
24 V DC
see diagram catalog part 6, page 25
9 mA
5 ms
8 ms
operation indicator, polarity protection diode, damping diode
Output data
Contact type
Contact material
Max. switching voltage
Min. switching voltage
Limiting continuous current
Max. inrush current
Min. switching current
Max. power rating, ohmic load:
24 V DC
48 V DC
60 V DC
110 V DC
220 V DC
250 V AC
Min. switching capacity
single contact, 1 N/O contact4)
AgSnO
250 V AC/DC 2)
12 V AC/DC
6 A
on request
10 mA
140 W
20 W
18 W
23 W
40 W
1500 VA
120 mW
General data
Test voltage input/output
Ambient temperature range
Duty type rating
Inflammability class
Mechanical service life
Standards/regulations
Installation position/assembly
Type of connection
4 kV, 50 Hz, 1 min.
– 20 °C to + 60 °C
100 % ED
V0 in acc. with UL 94
107 cycles
IEC 664/IEC 664 A/DIN VDE 0110, contamination class 3,
Surge voltage category III, DIN VDE 0160 (in relev. parts),
IEC 255/DIN VDE 0435 (in relev. parts), DIN VDE 0106-101: 1986-11,
increased insulation I/O 3)
as desired, in rows with zero spacing
spring cage connection
1) Further input voltages available on request.
2) For voltages higher than 250 V (e.g. L1, L2, L3) between identical
terminal blocks of adjacent modules, the PLC-ATP separating plate
(see catalog part 6, page 34) should be installed.
3) For protective isolation between identical terminal blocks of adjacent
modules, the PLC-ATP separating plate (see catalog part 6, page
34) should be installed.
4) N/C contact on request.
Notes:
Type of housing: polyamide PA non-reinforced,
Color: green, see catalog part 6, page 149
Marking systems and mounting material, see catalog part 3/4.
The rated cross section (see catalog part 6, page 151) refers to
untreated conductors without ferrules.
For the protection of input and output, inductive loads must be
dampened with an effective protection circuit.
The PLC-ATP separating plate (see catalog part 6, page 34) must
always be installed at the beginning and end of a PLC terminal
strip.
PLC Actuator Interface with Relay
– now also with spring cage connection system!
PHOENIX CONTACT page 6 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com