Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-24DC Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # PLC-RSP-24DC
Description  Universal PLC Interface with PDT Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-24DC Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button PLC-RSP-24DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 9Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 10Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 11Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Input
Description
voltage
UN
1)
Type
Order No.
Pcs./ Pkt.
PLC interface, consisting of
base terminal block PLC-BSP…ACT and
pluggable miniature optical coupler
24 V DC
(see catalog part 6, page 33),
for mounting on
3
equipped with
power optical coupler
PLC-OSP- 24DC/24DC/2/ACT
29 67 50 7
10
Technical data
Input data
Nominal input voltage UN
Permissible range (in reference to UN)
Switching level
1 signal (“H”)
0 signal (“L”)
Typ. input current at UN
Typ. turn-on time for UN
Typ. turn-off time for UN
Transmission frequency flimit
Input circuit
24 V DC
24 V DC
0.8-1.2
0.8 x UN
0.4 x UN
8 mA
20 µs
300 µs
300 Hz
operation indicator, polarity protection diode, damping diode
Output data
Max. switching voltage
Min. switching voltage
Limiting continuous current
Max. inrush current
Output connection
Output circuit
Voltage drop at max. limiting continuous current
33 V DC
3 V DC
2 A (see derating curve, catalog part 6, page 27)
15 A (10 ms)
2-conductor floating
polarity reversal protection and surge voltage protection
≤ 200 mV
General data
Test voltage input/output
Ambient temperature range
Duty type rating
Inflammability class
Standards/regulations
Installation position/assembly
Type of connection
2.5 kV, 50 Hz, 1 min.
– 20 °C to + 60 °C
100 % ED
V0 in acc. with UL 94
IEC 664/IEC 664 A/DIN VDE 0110,
contamination class 2, surge voltage protection category III,
as desired, in rows with zero spacing
spring cage connection
1) Further input voltages available on request.
Notes:
Type of housing: polyamide PA non-reinforced,
Color: green, see catalog part 6, page 149
Marking systems and mounting material, see catalog part 3/4.
The rated cross section (see catalog 6, page 151) refers to
untreated conductors without ferrules.
For the protection of input and output, inductive loads must be
dampened with an effective protection circuit.
The PLC-ATP separating plate must always be installed at the
beginning and end of a PLC terminal strip.
For protective isolation between identical terminal blocks of
adjacent modules, the PLC-ATP separating plate (see catalog part
6, page 34) should be installed.
PLC Actuator Interface with Optical Coupler
– now also with spring cage connection system!
PHOENIX CONTACT page 8 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com