Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-24DC Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # PLC-RSP-24DC
Description  Universal PLC Interface with PDT Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-24DC Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button PLC-RSP-24DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 9Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 10Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 11Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 12Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 13Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Input
Description
voltage
UN
1)
Type
Order No.
Pcs./ Pkt.
PLC interface, consisting of
base terminal block PLC-BSP…SEN and
pluggable miniature optical coupler
24 V DC
(see catalog part 6, page 33),
120 V AC/110 V DC
for mounting on
3
230 V AC/220 V DC 2)
equipped with
input optical coupler
PLC-OSP- 24DC/48DC/100/SEN
29 67 57 8
10
PLC-OSP-120UC/48DC/100/SEN
29 67 58 1
10
PLC-OSP-230UC/48DC/100/SEN
29 67 59 4
10
PLC interface, consisting of
base terminal block PLC-BSP…SEN and
pluggable miniature optical coupler
24 V DC
(see catalog part 6, page 33),
120 V AC/110 V DC
for mounting on
3
230 V AC/220 V DC 2)
equipped with
power optical coupler
PLC-OSP- 24DC/24DC/2/SEN
29 67 51 0
10
PLC-OSP-120UC/24DC/2/SEN
29 67 52 3
10
PLC-OSP-230UC/24DC/2/SEN
29 67 53 6
10
Technical data
Input optical coupler
Power optical coupler
Input data
Nominal input voltage UN
Permissible range (in reference to UN)
Switching level
1 signal (“H”)
0 signal (“L”)
Typ. input current at UN
Typ. turn-on time for UN
Typ. turn-off time for UN
Transmission frequency flimit
Input circuit
24 V DC
120, 230 V AC/DC
24 V DC
120 V AC/
24 V DC
120 V AC/
110 V DC
110 V DC
230 V AC/
230 V AC/
220 V DC 2)
220 V DC 2)
0.8-1.2
0.8-1,1
0.8-1.2
0.8-1.1
0.8 x UN
0.8 x UN
0.8 x UN
0.8 x UN
0.4 x UN
0.3 x UN
0.4 x UN
0.25 x UN
8 mA
4 mA
9 mA
4 mA
20 µs
6 ms
20 µs
6 ms
300 µs
10 ms
500 µs
10 ms
300 Hz
10 Hz
300 Hz
10 Hz
operation indicator, polarity protection diode, damping diode
operation indicator, bridge rectifier
Output data
Max. switching voltage
Min. switching voltage
Limiting continuous current
Max. inrush current
Min. switching current
Output connection
Output circuit
Voltage drop at max. limiting continuous current
PLC-O…/48DC/100/SEN
PLC-O…/24DC/2/SEN
48 V DC
33 V DC
3 V DC
3 V DC
100 mA
2 A (see derating curve
catalog part 6, page 27)
–
15 A (10 ms)
––
2-conductor floating
2-conductor floating
polarity reversal protection and surge voltage protection
≤ 1 V
≤ 200 mV
General data
Test voltage input/output
Ambient temperature range
Duty type rating
Inflammability class
Standards/regulations
Installation position/assembly
Type of connection
2,5 kV, 50 Hz, 1 min.
– 20 °C to +60 °C
100 % ED
V0 in acc. with UL 94
IEC 664/IEC 664 A/DIN VDE 0110,
contamination class 2, surge voltage protection category III,
as desired, in rows with zero spacing
spring cage connection
1) Further input voltages available on request.
2) For voltages higher than 250 V (e.g. L1, L2, L3) between identical
terminal blocks of adjacent modules, the PLC-ATP separating plate
(see catalog part 6, page 34) should be installed.
Notes:
Type of housing: polyamide PA non-reinforced,
Color: green, see catalog part 6, page 149
Marking systems and mounting material, see catalog part 3/4.
The rated cross section (see catalog part 6, page 151) refers to
untreated conductors without ferrules.
For the protection of input and output, inductive loads must be
dampened with an effective protection circuit.
Due to the input circuit integrated in the base terminal block (see
catalog part 6, page 33), a 60 V optical coupler, OTP-60DC/…, is
used with the 120 V and 230 V modules.
The PLC-ATP separating plate must always be installed at the
beginning and end of a PLC terminal strip.
For protective isolation between identical terminal blocks of
adjacent modules, the PLC-ATP separating plate (see catalog part
6, page 34) should be installed.
PLC Sensor Interface with Optical Coupler
– now also with spring cage connection system!
PHOENIX CONTACT page 12 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com