Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-24DC Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # PLC-RSP-24DC
Description  Universal PLC Interface with PDT Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-24DC Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button PLC-RSP-24DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 9Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 10Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 11Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 12Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
13
14
A2
BB
A1
In interface applications between the PLC and
sensors, such as proximity switches, limit switches, or
auxiliary contacts, often only an N/O function is
required. Here, people turn directly to the PLC-
RSP...SEN input interface, specially optimized for these
applications and consisting of a 6.2 mm base terminal
block and pluggable miniature relay. In addition to the
proven screw clamp connection version, the sensor
interface is now available with spring cage
connections. The wiring , diagonally from above, is
particularly convenient during assembly.
No need for input terminal blocks
Unlike previous input relays, all the sensor
connections, including the voltage supply for the
sensors/switches (!), are connected directly to the PLC
sensor interface. PLC-RSP...SEN can thus be used
directly as a terminal strip with integrated interface
function for the incoming sensor cables, without the
need for additional modular terminal blocks. (See also
structural diagram in catalog part 6, page 30.)
Assessment of savings:
– Elimination of the costs of two (three) modular
terminal blocks for sensor/switch supply, signal and
sensor ground (in the case of three-conductor
initiators).
– Space savings of approx. 80 %,
– Time saving approx. 60 %,
– Reduction in wiring thanks to plug-in bridges.
Optimum use of plug-in bridges.
The sensor interface attains the maximum degree of
efficiency with the convenient FBST plug-in bridge
system. PLC-RSP...SEN makes effective use of the
bridging facilities for the sensor/switch voltage supply,
for the supply and sensor ground at the A2 connection,
and for the common supply potential of the PLC at
connection 13. No stripping, no pressing on of ferrules,
no connecting. This makes complicated, time-
consuming loop bridges a thing of the past!
Assessment of savings:
– Reduction in wiring by eliminating the need for
modular terminal blocks and using all bridging
facilities: approx. 60 %.
Further advantages:
PLC-RSP...ACT naturally offers the same benefits as
all other PLC series with relay:
– Switching capacity up to 250 V AC/6 A,
– Integrated input circuit,
– Available either as gold or power contact relay,
– The relay can be removed for replacement using the
engagement lever,
– Operational safety with IP67-protected relays,
PHOENIX CONTACT page 9 of 14
PLC Sensor Interface with Relay
– now also with spring cage connection system!
– Reliable isolation acc. to DIN VDE 0106-101
– User-specific marking
– Inflammability class V0 in acc. with UL94.
Headquarters: © Phoenix Contact GmbH & Co. KG • Flachsmarktstraße 8-28 • 32825 Blomberg • Germany
Phone +49-(0) 52 35-3-00 • Fax +49-(0) 52 35-3-4 12 00 • http://www.phoenixcontact.com
8
“…6”
(IEC)
rigid
flexible
I
U
[mm2]
solid
stranded
AWG
[A] [V]
Connection data
0.2-2.5
0.2-1.5
24-14
*
*
* The electrical data are determined by the relay.
80
6,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com