Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-24DC Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # PLC-RSP-24DC
Description  Universal PLC Interface with PDT Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-24DC Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button PLC-RSP-24DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 9Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 10Page - PHOENIX CONTACT PLC-RSP-24DC Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
– Input or power optical coupler can be supplied,
– Optical coupler can be removed for replacement
using the engagement lever,
– IP67-protected fully encapsulated optical electronics,
– Insensitive to vibration and shock,
– User-specific marking
– Inflammability class V0 in acc. with UL94.
In interface applications between the PLC and
actuators, such as motors, contactors, or solenoid
valves, only an N/O function is normally required. Here,
people turn directly to the PLC-OSP...ACT output
interface, specially optimized for these applications and
consisting of a 6.2 mm base terminal block and
pluggable miniature optical coupler. In addition to the
proven screw clamp connection version, the actuator
interface is now available with spring cage
connections. The wiring , diagonally from above, is
particularly convenient during assembly. Alternatively,
the actuator interface can also be supplied with a
miniature relay.
No need for output terminal blocks!
Unlike conventional coupling relays, all the actuator
connections, including the load return line (!), are
connected directly to the PLC actuator interface. PLC-
OSP...ACT can thus be used directly as an output
terminal strip with integrated interface function for the
outgoing actuator cables, without the need for additional
modular terminal blocks. (See also structural diagram in
catalog part 6, page 28.)
Assessment of savings:
– Elimination of the costs of two output terminal blocks
for switching and load return lines,
– Space savings of approx. 80%,
– Time saving approx. 60%,
– Reduction in wiring thanks to plug-in bridges.
Optimum use of plug-in bridges
The actuator interface attains the maximum degree of
efficiency with the convenient FBST plug-in bridge
system. PLC-OSP...ACT makes effective use of the
bridging facilities for the A1/A2 connection on the coil
side, for the load supply at connection 13 on the contact
side, and for the load return line. Especially effective
here are the 500 mm long color-insulated continuous
bridges that can easily be cut to the required length and
inserted in the bridge shafts in a flash. No stripping, no
pressing on of ferrules, no connecting. This makes
complicated, time-consuming loop bridges a thing of the
past!
Assessment of savings:
– Reduction in wiring by eliminating the need for
modular terminal blocks and using all bridging
facilities: approx. 60%.
Further advantages:
PLC-OSP...ACT naturally offers the same benefits as
all other PLC series with optical coupler:
– Switching capacity of up to 24 V DC/2 A, depending
on the type,
– Wear-resistant switching,
– Integrated input circuit,
PHOENIX CONTACT page 7 of 14
PLC Actuator Interface with Optical Coupler
– now also with spring cage connection system!
Headquarters: © Phoenix Contact GmbH & Co. KG • Flachsmarktstraße 8-28 • 32825 Blomberg • Germany
Phone +49-(0) 52 35-3-00 • Fax +49-(0) 52 35-3-4 12 00 • http://www.phoenixcontact.com
8
“…6”
(IEC)
rigid
flexible
I
U
[mm2]
solid
stranded
AWG
[A] [V]
Connection data
0.2-2.5
0.2-1.5
24-14
*
*
* The electrical data are determined by the relay.
80
6,2
A2
13+
BB
A1
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com