Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8372ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8372ACPZ-R7
Description  Programmable Dual VGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8372ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8372
Rev. C | Page 5 of 16
SERIAL CONTROL INTERFACE TIMING
DON'T CARE
WRITE BIT
LSB
LSB + 1
LSB + 2
MSB – 2
MSB – 1
MSB
tDH
tDS
tLH
tLS
tPW
tCLK
NOTES
1. THE FIRST SDI BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL GAIN WORD REGISTER. FOR A
WRITE OPERATION, THE FIRST BIT SHOULD BE A LOGIC 1. THE GAIN WORD BIT IS THEN REGISTERED INTO THE SDI PIN ON CONSECUTIVE
RISING EDGES OF THE CLOCK.
CLK1 OR CLK2
LCH1 OR LCH2
SDI1 OR SDI2
Figure 2. Write Mode Timing Diagram
tLH
tDH
tDS
tLS
tPW
tCLK
DC
DC
READ BIT
DC
DC
DC
DC
DC
LSB
LSB + 1
LSB + 2
MSB – 2
MSB – 1
MSB
CLK1 OR CLK2
LCH1 OR LCH2
SDI1 OR SDI2
SDO1 OR SDO2
tD
NOTES
1. THE FIRST SDI BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL GAIN WORD REGISTER. FOR A
READ OPERATION, THE FIRST BIT SHOULD BE A LOGIC 0. THE GAIN WORD BIT IS THEN UPDATED AT THE SDO PIN ON CONSECUTIVE
FALLING EDGES OF THE CLOCK.
Figure 3. Read Mode Timing Diagram
Table 3. Serial Programming Timing Parameters
Parameter
Min
Unit
Clock Pulse Width (tPW)
10
ns
Clock Period (tCK)
20
ns
Write Mode
Setup Time Data vs. Clock (tDS)
0.0
ns
Hold Time Data vs. Clock (tDH)
1.6
ns
Setup Time Latch vs. Clock (tLS)
−1.8
ns
Hold Time Latch vs. Clock (tLH)
2.0
ns
Read Mode
Clock to Data Out (tD)
4.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com