Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8372ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8372ACPZ-R7
Description  Programmable Dual VGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8372ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8372
Data Sheet
Rev. C | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, ZS = 150 Ω, ZL = 250 Ω, 1 V p-p differential output, both channels enabled, unless otherwise noted.
FREQUENCY (Hz)
–30
–20
–10
0
10
20
30
40
1M
10M
100M
1G
Figure 5. Gain vs. Frequency by Gain Code (All Codes),
Differential In, Differential Out
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
1020
30
40506070
80
90
HD3
FREQUENCY (MHz)
HD2
Figure 6. 2nd and 3rd Harmonic Distortion
0
10
20
30
40
50
60
70
80
90
100
0
1020
30
40506070
80
90
FREQUENCY (MHz)
OIP3 – AV = 32
OIP2 – AV = 32
OIP3 – AV = 10
OIP3 – AV = –9
OIP2 – AV = 10
OIP2 – AV = –9
Figure 7. OIP2 and OIP3
15
16
17
18
19
20
+25°C
+85°C
–40°C
0
10
203040
50
607080
90
FREQUENCY (MHz)
Figure 8. P1dB, Maximum Gain
0
FREQUENCY (MHz)
0
20
40
60
80
100
120
140
160
180
50
100
150
200
250
300
0
1
2
3
4
5
6
7
8
9
Figure 9. Input Equivalent Parallel Impedance
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
0
10
2030
405060
7080
90
100
Figure 10. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com