Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8372ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8372ACPZ-R7
Description  Programmable Dual VGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8372ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
41 dB Range, 1 dB Step Size,
Programmable Dual VGA
Data Sheet
AD8372
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual independent digitally controlled VGA
Differential input and output
150 Ω differential input
Open-collector differential output
7.8 dB noise figure to 100 MHz @ maximum gain
HD2/HD3 better than 77 dBc for 1 V p-p differential output
−3 dB bandwidth of 130 MHz
41 dB gain range
1 dB step size ± 0.2 dB
Serial 8-bit bidirectional SPI control interface
Wide input dynamic range
Pin-programmable output stage
Power-down feature
Single 5 V supply: 106 mA per channel
32-lead LFCSP, 5 mm × 5 mm package
APPLICATIONS
Differential ADC drivers
CMTS upstream direct sampling receivers
CATV modem signal scaling
Generic RF/IF gain stages
Single-ended-to-differential conversion
FUNCTIONAL BLOCK DIAGRAM
ENB1
IPC1
INC1
CLK1
RXT1
LCH1
IPC2
INC2
ENB2
SDI1
SDO1
REF1
OPC1
ONC1
RXT2
SDI2
LCH2
OPC2
REF2
ONC2
SDO2
CLK2
POSTAMP
CHANNEL 1
POSTAMP
CHANNEL 2
REGISTERS
AND
GAIN DECODER
AD8372
Figure 1.
GENERAL DESCRIPTION
The AD8372 is a dual, digitally controlled, variable gain
amplifier (VGA) that provides precise gain control, high IP3,
and low noise figure. The excellent distortion performance and
moderate signal bandwidth make the AD8372 a suitable
gain control device for a variety of multichannel receiver
applications.
For wide input dynamic range applications, the AD8372
provides a broad 41 dB gain range. The gain is programmed
through a bidirectional 4-pin serial interface. The serial inter-
face consists of a clock, latch, data input, and data output lines
for each channel.
The AD8372 provides the ability to set the transconductance of
the output stage using a single external resistor. The RXT1 and
RXT2 pins provide a band gap derived stable reference voltage
of 1.56 V. Typically 2.0 kΩ shunt resistors to ground are used to
set the maximum gain to a nominal value of 31 dB. The current
setting resistors can be adjusted to manipulate the gain and
distortion performance of each channel. This is a flexible
feature in applications where it is desirable to trade off distortion
performance for lower power consumption.
The AD8372 is powered on by applying the appropriate logic
level to the ENB1, ENB2 pins. When powered down, the AD8372
consumes less than 2.6 mA and offers excellent input-to-output
isolation. The gain setting is preserved when powered down.
Fabricated on an Analog Devices, Inc., high frequency BiCMOS
process, the AD8372 provides precise gain adjustment capabilities
with good distortion performance. The quiescent current of the
AD8372 is typically 106 mA per channel. The AD8372 amplifier
comes in a compact, thermally enhanced 5 mm × 5 mm 32-lead
LFCSP package and operates over the temperature range of
−40°C to +85°C.


Similar Part No. - AD8372ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8372ACPZ-R71 AD-AD8372ACPZ-R71 Datasheet
724Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
11/07-Revision 0
More results

Similar Description - AD8372ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8332 AD-AD8332 Datasheet
606Kb / 28P
Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
AD8376 AD-AD8376 Datasheet
620Kb / 12P
Ultra Low Distortion IF Dual VGA
AD8375 AD-AD8375 Datasheet
237Kb / 6P
24dB Range, 1dB Step Size Programmable VGA
AD8372 AD-AD8372 Datasheet
724Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
11/07-Revision 0
AD8376 AD-AD8376_1 Datasheet
935Kb / 24P
Ultralow Distortion IF Dual VGA
REV. A
logo
Axiomtek Co., Ltd.
EBOX623-831-FL AXIOMTEK-EBOX623-831-FL Datasheet
340Kb / 1P
Supports VGA and DisplayPort dual display
EBOX630-100-FL AXIOMTEK-EBOX630-100-FL Datasheet
328Kb / 1P
Supports VGADual DisplayPort
logo
Analog Devices
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
logo
Axiomtek Co., Ltd.
EBOX623-831-FL AXIOMTEK-EBOX623-831-FL_16 Datasheet
364Kb / 1P
Supports VGA and DisplayPort dual display
logo
Analog Devices
AD8376 AD-AD8376_13 Datasheet
1Mb / 24P
Ultralow Distortion IF Dual VGA
10/13-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com