Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8372ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8372ACPZ-R7
Description  Programmable Dual VGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8372ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8372 CHAR BD
R0603
AGND
AGND
AGND
AGND
AGND
AGND
0
R0603
AGND
AGND
AGND
AGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
0
R0603
AGND
AGND
AGND
AGND
AGND
R0603
C0603
0.1UF
AGND
C0603
0.1UF
TBD
C0603
TBD
C0603
TBD
C0603
TBD
C0603
TBD
C0603
TBD
C0603
C0603
0.1UF
C0603
0.1UF
C0603
0.1UF
AGND
AGND
AGND
AGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
DGND
R0603
AGND
DGND
DGND
AGND
AGND
TESTLOOP
ORANGE
TESTLOOP
RED
DGND
SEC
PRI
SEC
PRI
AGND
0
R0603
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
DVS1
DVS2
OCP2
ONC2
AGD2
SDO2
SDO1
AGD1
ONC1
OPC1
LCH2
CLK2
CLK1
SDI1
LCH1
SDI2
C0603
0.1UF
C0603
0.1UF
C0603
0.1UF
C0603
0.1UF
0
R0603
R0603
R0603
0
R0603
0
R0603
AGND
C0603
C0603
R0603
R0603
R0603
R0603
R0603
0
R0603
TBD
R0603
0
R0603
TBD
R0603
0
R0603
0
R0603
R0603
R0603
TBD
C0603
TBD
C0603
R0603
R0603
R0603
R0603
R0603
R0603
R0603
R0603
R0603
R0603
R0603
R0603
R0603
R0603
1:3
100 OHMS
75 OHMS
75 OHMS
75 OHMS
75 OHMS
75 OHMS
100 OHMS
100 OHMS
100 OHMS
100 OHMS
100 OHMS
50 OHMS
50 OHMS
50 OHMS
50 OHMS
50 OHMS
50 OHMS
50 OHMS
75 OHMS
75 OHMS
75 OHMS
100 OHMS
100 OHMS
100 OHMS
100 OHMS
50 OHMS
1:3
C12
1NF
C0603
R46
24.9_1%
R45
24.9_1%
R43
24.9_1%
R44
24.9_1%
R38
113
R37
113
R36
113
R35
113
1812
L2
33UH
R21
TBD
R30
0
R29
0
R27
0
R28
0
R26
TBD
33UH
L4
1812
1812
L3
33UH
C10
C9
R48
TBD
R1
2K
R19
R20
R33
R42
R34
R41
2K
R2
R39
0
R12
TBD
R31
TBD
T2
R15
0
C1
1NF
C8
1NF
H1-7
0
R0603
R13
H1-15
AGND
W2
H1-15
R23
33UH
L1
1812
R22
R40
TBD
R32
TBD
H1-12
H1-6
H1-1
AGND
H1-15
R24
H1-15
C22
C24
C26
C25
1
10 11 12 13 14 15 16
17
18
19
2
20
21
22
23
24
25
26
27
28
29
3
30
31
32
4
5
6
7
8
9
Z1
AD8372
OPC2
C29
0.1UF
C0603
C0603
0.1UF
C28
C18
0.1UF
C0603
C0603
0.1UF
C11
C32
0.1UF
C0603
H1-15
R3
10
P1
B20
P2
B19
P2
B18
P2
B17
P2
B16
P2
B15
P2
B14
P2
H1-4
T1
3
2
1
4
6
T3
6
4
1
2
3
T4
C1206
L6
TBD
TBD
L5
C1206
14
P1
15
P1
16
P1
17
P1
18
P1
19
P1
20
P1
21
P1
22
P1
23
P1
24
P1
25
P1
13
P1
12
P1
11
P1
9
P1
8
P1
7
P1
6
P1
5
P1
4
P1
3
P1
2
P1
1
P1
H1-1
H1-15
VDD
VSS
C33
10UF
3528
DGND
AGND
C0603
0.1UF
C14
C15
0.1UF
C0603
C13
0.1UF
C0603
10K
R18
ONC1
OPC1
ONC2
SDO2
H1-12
SDO1
R14
R0603
0
C0603
0.1UF
C17
H1-5
H1-4
H1-3
H1-1
H1-11
H1-10
H1-9
H1-1
AGND
AGND
0
R0603
R7
R8
R0603
0
C19
C23
0
R0603
R4
C20
R5
R0603
0
C2
C3
0
R0603
R6
C5
C4
R10
R0603
0
C7
C6
0
R0603
R9
C21
R11
R0603
0
C27
R17
10K
W1
SDO1
SDO2
C0603
1NF
C16
R16
H1-3
H1-5
H1-6
H1-6
3528
10UF
C34
A1
P2
A2
P2
A3
P2
A4
P2
A5
P2
A6
P2
A7
P2
A8
P2
A9
P2
A10
P2
A11
P2
A12
P2
A13
P2
A14
P2
A15
P2
A16
P2
A17
P2
A18
P2
A19
P2
A20
P2
B1
P2
B2
P2
B3
P2
B4
P2
B5
P2
B6
P2
B7
P2
B8
P2
B9
P2
B10
P2
B11
P2
B12
P2
B13
P2
H1-8
H1-12
H1-10
H1-11
H1-7
H1-9
H1-14
H1-4
H1-16
H1-15
H1-3
H1-5
H1-6
H1-13
H1-8
H1-12
H1-10
H1-11
H1-7
H1-9
H1-14
H1-4
H1-16
H1-15
H1-3
H1-5
H1-6
H1-13
H1-11
H1-12
H1-9
H1-10
R25
H1-1
H1-12
H1-6
H1-15
AGND
TBD
R47
H1-7
H1-13
H1-13
R49
R0603
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com