Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8372ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8372ACPZ-R7
Description  Programmable Dual VGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8372ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8372ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8372
Rev. C | Page 11 of 16
0.1µF
0.1µF
33µH
142
Ω
33
Ω
33
Ω
142
Ω
5V
5V
50
Ω
AC
1:3
½
AD8372
VGA
0.1µF
0.1µF
0.1µF
0.1µF
33µH
5V
VIN+
VIN–
AD9445
14-BIT ADC
14
Figure 14. AD8372 Driving an AD9445 ADC
–150
–140
–130
–120
–110
–100
–80
–70
–90
–60
–40
–30
–50
–20
–10
0
FREQUENCY (MHz)
5.25 10.50 15.75 21.00 26.25 31.50 36.75 42.00 47.25 52.50
0
5
6
4
1
2
3
ENCODE: 105MHz
SAMPLES: 32768
ANALOG: 19.8766MHz
FUND: –1.053dBFS
2ND: –74.55dBc
3RD: –86.45dBc
4TH: –91.35dBc
5TH: –89.57dBc
6TH: –91.15dBc
SNR: 58.12dBc
SNRFS: 59.18dBc
THD: –73.99dBc
SINAD: 58.01dBc
SFDR: 74.73dBc
WO SPUR: –85.5dBc
NOISE FLOOR: –101.3dB
FUND LEAK: 100
HARM LEAK: 3
DC LEAK: 6
Figure 15. 74.5 dBc SFDR Performance of the AD8372 Driving the AD9445 ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com