Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6948 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6948
Description  Ultralow Noise and Spurious Fractional-N Synthesizer with Integrated VCO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6948 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6948 Datasheet HTML 2Page - Linear Technology LTC6948 Datasheet HTML 3Page - Linear Technology LTC6948 Datasheet HTML 4Page - Linear Technology LTC6948 Datasheet HTML 5Page - Linear Technology LTC6948 Datasheet HTML 6Page - Linear Technology LTC6948 Datasheet HTML 7Page - Linear Technology LTC6948 Datasheet HTML 8Page - Linear Technology LTC6948 Datasheet HTML 9Page - Linear Technology LTC6948 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
dc1959af
DEMO MANUAL DC1959A
parts list
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
0
CI2
CAP., 0805
OPT
2
5
C1, C8, C9, C15, C18
CAP., X7R, 1.0µF, 16V, 10%, 0603
TDK, C1608X7R1C105K
3
2
C2, C10
CAP., TANT., 330µF, 10V, 10%, 7343
AVX, TPME337K010R0035
4
9
C3, C7, C17, C22-C27
CAP., X7R, 0.1µF, 10V, 10%, 0402
TDK, C1005X7R1A104K
5
2
C6, C11
CAP., X5R, 1.0µF, 16V, 10%, 0402
TDK, C1005X5R1C105K
6
3
C12, C13, C19
CAP., X7R, 0.01µF, 16V, 10%, 0402
AVX, 0402YC103KAT2A
7
1
C16
CAP., X5R, 2.2µF, 16V, 10%, 0603
TDK, C1608X5R1C225K
8
0
C2_F2, C28
CAP., 0603
OPT
9
2
C20, C21
CAP., X7R, 100pF, 50V, 10%, 0402
AVX, 04025C101KAT2A
10
1
D1
LED, RED
PANASONIC, LN1251C-TR
11
1
E3
TURRET, TESTPOINT, 2501
MILL-MAX, 2501-2-00-80-00-00-07-0
12
1
JP1
HEADERS, 3 PINS 2mm CTRS.
SAMTEC, TMM-103-02-L-S
13
3
J1, J4, J5
CON., SMA 50Ω EDGE-LAUNCH
E.F. JOHNSON, 142-0701-851
14
1
J2
CON., HEADER, 14 PIN, 2mm
MOLEX, 87831-1420
15
4
J6, J7, J8, J9
JACK, BANANA
KEYSTONE, 575-4
16
2
L1, L2
IND., 68nH 5%, 0402
COILCRAFT, 0402HPH-68NXJLW
17
1
L1_F1
IND., 10µH, 0805
TDK, MLF2012E100K
18
0
L1_F2
IND., 0805
OPT
19
1
R1
RES., CHIP, 51.1Ω, 1/16W, 1%, 0402
NIC, NRC04F51R1TRF
20
0
R1_F2
RES., 0603
OPT
21
4
R2, R18, R19, R20
RES., CHIP, 0Ω, 0402
NIC, NRC04Z0TRF
22
1
R3
RES., CHIP, 330Ω, 1/16W, 1%, 0402
NIC, NRC04F3300TRF
23
1
R4
RES., CHIP, 15Ω, 1/16W, 1%, 0402
NIC, NRC04F15R0TRF
24
4
R5, R6, R7, R13
RES., CHIP, 200k, 1/16W, 1%, 0402
NIC, NRC04F2003TRF
25
3
R8, R9, R14
RES., CHIP, 4.99k, 1/16W, 1%, 0402
NIC, NRC04F4991TRF
26
3
R10, R11, R12
RES., CHIP, 100Ω 1/16W, 5%, 0402
NIC, NRC04J101TRF
27
1
R15
RES., CHIP, 0Ω, 0603
NIC, NRC06Z0TRF
28
2
U2, U3
I.C., DUAL BUFFER, SC70-6
FAIRCHILD SEMI., NC7WZ17P6X
29
1
U4
I.C., DUAL TRANSCEIVER, SOT363
NXP, 74LVC1T45GW+125
30
1
U5
I.C., SERIAL EEPROM, TSSOP8
MICROCHIP, 24LC025-I /ST
31
1
SHUNT ON JP1
SHUNT, 2mm CTRS.
SAMTEC 2SN-BK-G



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com