Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6948 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6948
Description  Ultralow Noise and Spurious Fractional-N Synthesizer with Integrated VCO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6948 Datasheet(HTML) 1 Page - Linear Technology

  LTC6948 Datasheet HTML 1Page - Linear Technology LTC6948 Datasheet HTML 2Page - Linear Technology LTC6948 Datasheet HTML 3Page - Linear Technology LTC6948 Datasheet HTML 4Page - Linear Technology LTC6948 Datasheet HTML 5Page - Linear Technology LTC6948 Datasheet HTML 6Page - Linear Technology LTC6948 Datasheet HTML 7Page - Linear Technology LTC6948 Datasheet HTML 8Page - Linear Technology LTC6948 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
dc1959af
DEMO MANUAL DC1959A
 
 
 
 
 
Frequency reference 
input, SMA 
Differential 
output, SMA 
3.3 V DC supply, 
banana jacks 
5 V DC 
supply, 
banana 
jacks 
Ribbon 
cable 
connection 
to DC590 
Loop filter 
components 
Mute 
jumper 
Description
LTC6948
Ultralow Noise and Spurious Fractional-N
Synthesizer with Integrated VCO
Demonstration circuit 1959A features the LTC6948, an
Ultralow Noise and Spurious Fractional-N Synthesizer
with Integrated VCO.
There are four options of the DC1959A, one for each ver-
sion of the LTC6948. Table 1 summarizes the available
DC1959A options.
The DC1959A provides 50Ω SMA connectors for the ref-
erence frequency input fREF (REF+IN) and the differential
RF output (RF+ and RF–).
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
FracNWizard is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
A DC590 USB serial controller board is used for SPI com-
munication with the LTC6948, controlled by the supplied
FracNWizard™ software.
Design files for this circuit board are available at
http://www.linear.com/demo/DC1959A
Figure 1. DC1959A Connections


Similar Part No. - LTC6948

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
Fractional-N Synthesizer Integrated VCO
logo
Linear Technology
LTC6948 LINER-LTC6948 Datasheet
503Kb / 36P
Ultralow Noise 0.37GHz to 6.39GHz Fractional-N Synthesizer with Integrated VCO
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
2Mb / 26P
1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
LTC6948 AD-LTC6948 Datasheet
2Mb / 32P
300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
06/18-REV.A
logo
Linear Technology
LTC6948 LINER-LTC6948_15 Datasheet
503Kb / 36P
Ultralow Noise 0.37GHz to 6.39GHz Fractional-N Synthesizer with Integrated VCO
More results

Similar Description - LTC6948

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC783LP6CE HITTITE-HMC783LP6CE Datasheet
665Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
HMC831LP6CE HITTITE-HMC831LP6CE_10 Datasheet
1,017Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC836LP6CE HITTITE-HMC836LP6CE_10 Datasheet
1,007Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
logo
Linear Technology
LTC6946 LINER-LTC6946 Datasheet
386Kb / 30P
Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
LTC6945 LINER-LTC6945_15 Datasheet
378Kb / 28P
Ultralow Noise and Spurious 0.35GHz to 6GHz Integer-N Synthesizer
LTC6946 LINER-LTC6946_15 Datasheet
576Kb / 32P
Ultralow Noise and Spurious 0.37GHz to 6.39GHz Integer-N Synthesizer with Integrated VCO
LTC6948 LINER-LTC6948_15 Datasheet
503Kb / 36P
Ultralow Noise 0.37GHz to 6.39GHz Fractional-N Synthesizer with Integrated VCO
LTC6947 LINER-LTC6947 Datasheet
948Kb / 10P
Ultralow Noise and Spurious Fractional-N Synthesizer
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
Fractional-N Synthesizer Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com