Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6948 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6948
Description  Ultralow Noise and Spurious Fractional-N Synthesizer with Integrated VCO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6948 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6948 Datasheet HTML 2Page - Linear Technology LTC6948 Datasheet HTML 3Page - Linear Technology LTC6948 Datasheet HTML 4Page - Linear Technology LTC6948 Datasheet HTML 5Page - Linear Technology LTC6948 Datasheet HTML 6Page - Linear Technology LTC6948 Datasheet HTML 7Page - Linear Technology LTC6948 Datasheet HTML 8Page - Linear Technology LTC6948 Datasheet HTML 9Page - Linear Technology LTC6948 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
dc1959af
DEMO MANUAL DC1959A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
DC1959A-A Required Circuit Components
1
1
DC1959A GENERAL BOM
2
1
C2_F1
CAP., C0G, 2.4nF, 50V, 5%, 0603
MURATA, GRM1885C1H242JA01D
3
1
CI1
CAP., X7R, 82nF, 50V, 10%, 0603
MURATA, GRM188R71H823KA93D
4
1
CP
CAP., C0G, 3.6nF, 50V, 5%, 0603
MURATA, GRM1885C1H362JA01D
5
2
R1_F1, RZ
RES., CHIP, 57.6Ω, 1/16W, 1%, 0603
NIC, NRC06F57R6TRF
6
1
U1
I.C. SYNTHESIZER, QFN28UFD-4X5
LINEAR TECH., LTC6948IUFD-1
DC1959A-B Required Circuit Components
1
1
DC1959A GENERAL BOM
2
1
C2_F1
CAP., C0G, 2nF, 50V, 5%, 0603
MURATA, GRM1885C1H202JA01D
3
1
CI1
CAP., X7R, 68nF, 50V, 10%, 0603
MURATA, GRM188R71H683KA93D
4
1
CP
CAP., C0G, 3nF, 50V, 5%, 0603
MURATA, GRM1885C1H302JA01D
5
2
R1_F1, RZ
RES., CHIP, 63.4Ω, 1/16W, 1%, 0603
NIC, NRC06F63R4TRF
6
1
U1
I.C. SYNTHESIZER, QFN28UFD-4X5
LINEAR TECH., LTC6948IUFD-2
DC1959A-C Required Circuit Components
1
1
DC1959A GENERAL BOM
2
1
C2_F1
CAP., X7R, 1.8nF, 50V, 10%, 0603
MURATA, GRM188R71H182KA01D
3
1
CI1
CAP., X7R, 56nF, 50V, 10%, 0603
MURATA, GRM188R71H563KA93D
4
1
CP
CAP., C0G, 2.4nF, 50V, 5%, 0603
MURATA, GRM1885C1H242JA01D
5
2
R1_F1, RZ
RES., CHIP, 75Ω, 1/16W, 5%, 0603
VISHAY, CRCW060375R0JNEA
6
1
U1
I.C. SYNTHESIZER, QFN28UFD-4X5
LINEAR TECH., LTC6948IUFD-3
DC1959A-D Required Circuit Components
1
1
DC1959A GENERAL BOM
2
1
C2_F1
CAP., C0G, 1.6nF, 50V, 5%, 0603
MURATA, GRM1885C1H162JA01D
3
1
CI1
CAP., X7R, 56nF, 50V, 10%, 0603
MURATA, GRM188R71H563KA93D
4
1
CP
CAP., C0G, 2.4nF, 50V, 5%, 0603
MURATA, GRM1885C1H242JA01D
5
2
R1_F1, RZ
RES., CHIP, 76.8Ω, 1/16W, 1%, 0603
NIC, NRC06F76R8TRF
6
1
U1
I.C. SYNTHESIZER, QFN28UFD-4X5
LINEAR TECH., LTC6948IUFD-4
parts list



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com