Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6948 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6948
Description  Ultralow Noise and Spurious Fractional-N Synthesizer with Integrated VCO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6948 Datasheet(HTML) 4 Page - Linear Technology

  LTC6948 Datasheet HTML 1Page - Linear Technology LTC6948 Datasheet HTML 2Page - Linear Technology LTC6948 Datasheet HTML 3Page - Linear Technology LTC6948 Datasheet HTML 4Page - Linear Technology LTC6948 Datasheet HTML 5Page - Linear Technology LTC6948 Datasheet HTML 6Page - Linear Technology LTC6948 Datasheet HTML 7Page - Linear Technology LTC6948 Datasheet HTML 8Page - Linear Technology LTC6948 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
dc1959af
DEMO MANUAL DC1959A
assembly options
typical Dc1959a reQuirements anD characteristics
Troubleshooting
If the red LED does not illuminate, follow the instructions
below:
1. Verify that you are able to communicate with the
DC1959A.ThebottomstatuslineinFracNWizardshould
read LTC6948 and Comm Enabled as shown in Figure 3.
Refer to FracNWizard’s Troubleshoot and Help if not.
2. Verify that the 3.3V and 5V have the correct voltages
on them and that the reference frequency is applied to
the REF+IN SMA input.
If the red LED is on but you cannot detect an RF output,
make sure jumper JP1 is at the 3.3V position. Run Help ->
TroubleshootinFracNWizardiftheproblemisnotresolved.
DC1959A Reconfiguration
YoucanredesignthefrequencyplanoftheDC1959Ausing
FracNWizard. You can change the loop filter as found us-
ing FracNWizard by reinstalling the loop filter components
shown in Figure 1.
Quick start proceDure
Table 1. DC1959A Options and Frequency Ranges
ASSEMBLY VERSION
PART NUMBER
VCO FREQUENCY RANGE (GHz)
OUTPUT DIVIDER SETTINGS
DC1959A-A
LTC6948IUFD-1
2.240 to 3.740
Integers 1 through 6
DC1959A-B
LTC6948IUFD-2
3.080 to 4.910
Integers 1 through 6
DC1959A-C
LTC6948IUFD-3
3.840 to 5.790
Integers 1 through 6
DC1959A-D
LTC6948IUFD-4
4.200 to 6.390
Integers 1 through 6
PARAMETER
INPUT OR OUTPUT PHYSICAL LOCATION
DETAILS
3.3V Power Supply
Input
J6 and J7 Banana Jacks
Low-Noise and Spur-Free 3.3V, 130mA
5V Power Supply
Input
J8 and J9 Banana Jacks
Low-Noise and Spur-Free 5V, 33mA
REF+ IN, Reference Frequency Input
J1 SMA Connector
Low-Noise 100MHz*, 6dBm to 10dBm into 50Ω, See Note
Below
RF+ and RF–
Two Outputs
J4 and J5 SMA Connectors**
Frequency: 907MHz*, Power: 0dBm, Frequency Range:
Depends on the Version of the LTC6948 Device – Refer to
Table 1
Loop Bandwidth
–
Set by Loop Filter Component Values Approximately 160kHz* Depending on the DC1959A Version
*These frequencies are for the DC1959A fracnset files included with FracNWizard.
**Any unused RF output must be terminated with 50Ω, or poor spurious performance may result.
Note: A low noise 100MHz reference frequency, such as the Wenzel 501-04516D OCXO, is recommended. If using a different frequency, make sure to
update the Fref and R_DIV boxes under the System tab in FracNWizard so that Fpfd is still 50MHz. For example, if a 250MHz clock is used, Fref should be
changed to 250MHz and R_DIV to 5. Ref BST and FILT under the System tab in FracNWizard might need to be changed if the reference frequency and/or
power is different than what is recommended in the table above. More information can be found in the LTC6948 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com