Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6948 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6948
Description  Ultralow Noise and Spurious Fractional-N Synthesizer with Integrated VCO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6948 Datasheet(HTML) 3 Page - Linear Technology

  LTC6948 Datasheet HTML 1Page - Linear Technology LTC6948 Datasheet HTML 2Page - Linear Technology LTC6948 Datasheet HTML 3Page - Linear Technology LTC6948 Datasheet HTML 4Page - Linear Technology LTC6948 Datasheet HTML 5Page - Linear Technology LTC6948 Datasheet HTML 6Page - Linear Technology LTC6948 Datasheet HTML 7Page - Linear Technology LTC6948 Datasheet HTML 8Page - Linear Technology LTC6948 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
dc1959af
DEMO MANUAL DC1959A
Download the FracNWizard setup file at www.linear.com/
FracNWizard.
Run the FracNWizard setup file and follow the instructions
given on the screen. The setup file will verify and/or install
Microsoft .NET and install the FracNWizard. Refer to the
Help menu for software operation.
DC1959A Configuration
1. Connecta100MHzreferencefrequencysourcetoREF+IN
(at J1) and signal analyzers to RF+ and/or RF– (at J5
and/or J4) using the SMA connectors (see Figure 1 and
theTypicalDC1959ARequirementsandCharacteristics
table).
Be sure to terminate any unused RF output with 50Ω,
or poor spurious performance may result.
2. Choose the MUTE jumper setting:
JP1: GND/3.3V – MUTE position. Select GND to mute
the RF output, 3.3V to un-mute.
3. Connect the GND, 3.3V, and 5V banana jacks to a power
supply and apply power (see Figure 1 and the Typical
DC1959A Requirements and Characteristics table).
4. Connect the DC590 to the DC1959A with the provided
ribbon cable.
5. Run the FracNWizard application.
6. In FracNWizard, click File -> Load Settings and point to
theLTC6948-1_100MHz.fracnsetfileincaseofevaluat-
ing the LTC6948-1, for instance, or load the appropriate
file depending on which option of the LTC6948 you are
evaluating.
The red LED on the DC1959A should turn on indicating
that the loop is locked and the output is at 907MHz.
Quick start proceDure
Figure 3. FracNWizard Screenshot



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com