Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8601 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8601 Datasheet HTML 5Page - Linear Technology LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology LT8601 Datasheet HTML 11Page - Linear Technology LT8601 Datasheet HTML 12Page - Linear Technology LT8601 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT8601
9
8601fa
For more information www.linear.com/LT8601
TA = 25°C
Typical perForMance characTerisTics
Radiated EMI Performance, CISPR25 Radiated Emission Tests with Class 5 Peak Limit.
Vertical Polarization
Horizontal Polarization
Demo Board with EMI Filter Installed, 14VIN, 1A on All Outputs, fSW = 2MHz.
40
45
50
55
60
35
30
25
20
15
10
–15
0
–5
–10
5
FREQUENCY (MHz)
0
900
100
200
300
500
400
600
700
800
1000
8601 EMI 01a
CISPR25 CLASS 5 PEAK LIMIT
DATA
DETECTOR: +PEAK
CISPR25 RADIATED DISTURBANCES – ALSE
NOTES: DC2346A
40
45
50
55
60
35
30
25
20
15
10
–15
0
–5
–10
5
FREQUENCY (MHz)
0
900
100
200
300
500
400
600
700
800
1000
8601 EMI 01a
CISPR25 CLASS 5 PEAK LIMIT
DATA
DETECTOR: +PEAK
CISPR25 RADIATED DISTURBANCES – ALSE
NOTES: DC2346A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com