Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8601 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8601 Datasheet HTML 17Page - Linear Technology LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology LT8601 Datasheet HTML 21Page - Linear Technology LT8601 Datasheet HTML 22Page - Linear Technology LT8601 Datasheet HTML 23Page - Linear Technology LT8601 Datasheet HTML 24Page - Linear Technology LT8601 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT8601
21
8601fa
For more information www.linear.com/LT8601
applicaTions inForMaTion
Thermal Considerations
Care should be taken in the layout of the PCB to ensure
good heat sinking of the LT8601. The exposed pad on
the bottom of the package must be soldered to a ground
plane. This ground should be tied to large copper layers
below with thermal vias; these layers will spread heat
dissipated by the LT8601. Recommended layer use for
a 4-layer board is:
Layer 1 (Components): use 2oz copper; unbroken high
frequency/high current routing (CIN loop, SW node, BST
node, inductor, COUT), high current DC routing, ground
plane on remainder
Layer 2 (Internal): Unbroken ground plane
Layer 3 (Internal): Signal routing, ground plane on
remainder
Layer 4 (Bottom): Use 2oz copper; high current DC rout-
ing (VIN, VOUT), ground plane on remainder
Placing additional vias can reduce thermal resistance fur-
ther. Many small thermal vias are better than a few large
ones. Following these PCB design guidelines can reduce
θJA to 22°C/W.
Power dissipation within the LT8601 can be estimated by
adding the power dissipated in each channel. Calculate
each channel’s power loss from an efficiency measure-
ment and subtract the inductor loss. The die temperature
is calculated by multiplying the total LT8601 power dissi-
pation by the thermal resistance from junction to ambient
θJA, and adding the ambient temperature. The maximum
load current should be derated as the die temperature
approaches the maximum junction rating. The LT8601 will
stop switching if the internal temperature rises too high.
This thermal protection is above the maximum operating
temperature and is intended as a failsafe only.
Even with the best thermal practices, the LT8601 must be
derated at high ambient temperature. The thermal derat-
ing curves in Figure 9 show the front page application
(Ch1: 5V, Ch2: 3.3V, Ch3: 1.8V). The PCB layout is as
described above and the θJA is 22°C/W. The output cur-
rents are decreased uniformly as a percentage of maxi-
mum. Although derating is application dependent, this set
of curves is representative of typical applications with a
range of frequencies and input voltages.
Figure 9. Thermal Derating, E- and I-Grade
3.5in x 3.5in 4–LAYER BOARD
2oz Cu TOP AND BOTTOM
LIMITED BY MAXIMUM
JUNCTION TEMPERATURE
θJA = 22°C/W
12VIN, 1MHz
12VIN, 2.2MHz
24VIN, 1MHz
24VIN, 2.2MHz
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
20
40
60
80
100
Figure 10. Thermal Derating, E and I–Grade
8601 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com