Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8601 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8601 Datasheet HTML 10Page - Linear Technology LT8601 Datasheet HTML 11Page - Linear Technology LT8601 Datasheet HTML 12Page - Linear Technology LT8601 Datasheet HTML 13Page - Linear Technology LT8601 Datasheet HTML 14Page - Linear Technology LT8601 Datasheet HTML 15Page - Linear Technology LT8601 Datasheet HTML 16Page - Linear Technology LT8601 Datasheet HTML 17Page - Linear Technology LT8601 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT8601
14
8601fa
For more information www.linear.com/LT8601
applicaTions inForMaTion
The internal oscillator of the LT8601 can be synchronized
to an external 250kHz to 2.2MHz clock signal on the SYNC
pin.
VIN Voltage Range
The LT8601’s minimum operating voltage is 3V. To pro-
gram a higher minimum operating voltage, use a resis-
tor divider between the VIN pin and the EN/UVLO pin. The
EN/UVLO threshold is 1.2V. The EN/UVLO pin has 50mV
of hysteresis to prevent glitches from falsely disabling
the LT8601.
The UVLO circuit is shown in Figure 3, Reverse Protection
Diodes. The calculation for the lockout voltage is:
VIN(UVLO) =
RUV1+RUV2
RUV2
•1.2V
PVIN Voltage Range
Each switching regulator channel operates from its own
PVIN pin (PVIN1 to PVIN3). The PVIN pin can be connected
to either an independent voltage supply or a high voltage
channel output. The PVIN1 and PVIN2 voltage range is 3.0V
to 42V. The PVIN3 voltage range is 2.6V to 5.5V.
The minimum PVIN voltage to regulate output voltage at
full frequency is:
PVINx(MIN) =
VOUTx
DCMAX
where DCMAX is the maximum duty cycle (refer to
Switching Frequency section) for that channel. If PVIN
is below the calculated minimum voltage, the channel
starts to skip switch off-cycles. At low input voltages,
the part will turn on the top switch for longer than a full
switch cycle in order to extend the effective duty cycle.
When the part is extending the effective duty cycle, the
switching frequency will drop to one half (or less) of the
programmed frequency.
The maximum PVIN voltage to regulate output voltage at
full frequency is:
PVINx(MAX) =
VOUTx
DCMIN
where DCMIN is the minimum duty cycle (refer to
Switching Frequency section) for that channel. If PVIN
is above the calculated maximum voltage, the channel
starts to skip switch on-cycles (pulse-skipping). In this
case, the channel switching frequency will no longer be
the programmed frequency. The output will continue to
regulate, but the peak inductor current and output ripple
will increase significantly.
Inductor Selection
Inductor selection involves inductance, saturation current,
series resistance (DCR) and magnetic loss.
A good starting point for the inductance values are:
Lx =Kx •
VOUTx
PVINx
• PVINx – VOUTx
fS
where fS is the switching frequency in MHz, Lx is in µH,
VOUTx is the channel output voltage and K1 = 1.7, K2 = 1.0
and K3 = 1.4.
Once the inductance is selected, the inductor current
ripple and peak current can be calculated:
ΔILx =
VOUTx
Lx • fS
• 1–
VOUTx
PVINx(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
ILx(PEAK) =IOUTx(MAX)+
ΔILx
2
To guarantee sufficient output current, peak inductor cur-
rent must be lower than the switch current limit (ILIM).
To keep the efficiency high, the inductor series resistance
(DCR) should be as small as possible (must be < 0.1Ω
channels 1 and 3; < 0.06 Ω channel 2), and the core mate-
rial should be intended for the chosen switching frequency.
Table 2 lists several vendors and suitable inductor series.
Table 2. Inductor Vendors
VENDOR
SERIES
WEBSITE
TDK
SLF, VLC, VLF
www.tdk.com
Sumida
CDRH, CDR, CDMC
www.sumida.com
Coilcraft
XAL, XFL, MSS
www.coilcraft.com
NIC
NPIM, NPIS
www.niccomp.com
Würth
TPC, SPC, PD, PDF, PD3
www.we-online.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com