Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8601 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology LT8601 Datasheet HTML 11Page - Linear Technology LT8601 Datasheet HTML 12Page - Linear Technology LT8601 Datasheet HTML 13Page - Linear Technology LT8601 Datasheet HTML 14Page - Linear Technology LT8601 Datasheet HTML 15Page - Linear Technology LT8601 Datasheet HTML 16Page - Linear Technology LT8601 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT8601
13
8601fa
For more information www.linear.com/LT8601
applicaTions inForMaTion
operaTion
Power-On Reset Timer
The LT8601 includes a power-on reset timer. The power-
on reset timeout period is adjustable using an external
capacitor on the CPOR pin as described in the Applications
Information section. The timer is initiated when the
POREN pin is higher than 1.2V (typical).
The output of the POR timer, the RST pin, is an open-drain
output with a weak internal pull-up of 100kΩ (typical) to
approximately 2V. RST is held low until the expiration of
the POR timer. The RST pin is only valid when the LT8601
is enabled and INTVCC is above 2.7V.
Setting the Output Voltages
The output voltages are set by the resistor dividers on the
outputs as shown in Figure 1. The formula used is:
R1=R2•
VOUTx
VFB
–1
⎛
⎝
⎜
⎜⎜
⎞
⎠
⎟
⎟⎟
where VOUTx is the output voltage of regulator x and VFB
is the feedback reference voltage. VFB is 1V for the high
voltage regulators (1 and 2) and 800mV for the low voltage
channel. R2 should be 200k or less to avoid noise problems.
To improve the frequency response, a feedforward capaci-
tor Cff may also be used. Typical values are 10pF to 100pF.
Great care should be taken to route the FB node away from
noise sources, such as an inductor or a SW line.
Switching Frequency
The LT8601 uses a constant frequency architecture that can
be programmed from 250kHz to 2.2MHz by tying a resistor
from the RT pin to ground. Table 1 shows the closest 1%
resistor value of RT for common switching frequencies.
Table 1. Switching Frequency vs RT Value
SWITCHING FREQUENCY (MHz)
RT (kΩ)
0.25
255
0.35
178
0.5
124
0.75
80.6
1.0
60.4
1.25
47.5
1.5
39.2
1.75
33.2
2.0
28.7
2.2
26.1
The following equation approximates the values shown
in Table 1:
RT =
61.9
fS –0.009
–1.9
where RT is in kΩ and fS is in MHz.
Selection of the operating frequency is mainly a trade-off
between efficiency and component size. The advantage
of high frequency operation is that smaller inductor and
capacitor values may be used. The advantage of low fre-
quency operation is higher efficiency.
The high switching frequency also decreases the duty
cycle range because of finite minimum on- and off-times
independent of the switching frequency. The minimum
and maximum duty cycles are:
DCMIN = fS • tON(MIN)
DCMAX = 1 – fS • tOFF(MIN)
where fS is the switching frequency, tON(MIN) is the
minimum switch on-time, and tOFF(MIN) is the minimum
switch off-time. These equations illustrate how duty cycle
range increases when switching frequency decreases.
Information about individual channel minimum on and
off times can be found in the Electrical Characteristics
table and Typical Performance curves section.
Figure 1. Feedback Resistor Divider
8601 F01
FBx
SWx
VOUTx
R1
R2
COUT
LT8601
Cff
OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com