Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8601 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8601
Description  42V Triple Monolithic Synchronous Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8601 Datasheet HTML 15Page - Linear Technology LT8601 Datasheet HTML 16Page - Linear Technology LT8601 Datasheet HTML 17Page - Linear Technology LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology LT8601 Datasheet HTML 21Page - Linear Technology LT8601 Datasheet HTML 22Page - Linear Technology LT8601 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT8601
19
8601fa
For more information www.linear.com/LT8601
Figure 6. Power-On Reset Timing
applicaTions inForMaTion
used, set RT to the center of the range. For example, if
the synchronization signal will be 400kHz to 600kHz, the
RT should be selected for 500kHz.
For some applications it is desirable for the LT8601 to
operate in pulse-skipping mode, offering two major differ-
ences from Burst Mode operation. First, in pulse-skipping
mode the clock stays awake at all times and all switching
cycles are aligned to the clock. Second, full frequency
switching is reached at a lower output load in pulse-skip-
ping than Burst Mode operation. These two differences
come at the expense of increased quiescent current for
pulse-skipping. To enable pulse-skipping mode, the SYNC
pin is tied high either to a logic output or to the INTVCC
pin.
Do not leave the SYNC pin floating.
Power Good Comparators
Each channel of the LT8601 has a power good compara-
tor that monitors their corresponding feedback voltage
when the LT8601 is enabled. The threshold of power good
comparator is 0.92V to 1.08V for the high voltage chan-
nels, and 736mV to 864mV for the low voltage channel.
The PG outputs are open-drain and have a recommended
external pull-up resistance value of 20k or less. An appro-
priate pull-up resistance value will take into consideration
the specific application configuration and the leakage cur-
rent of the PG pin.
Power-On Reset Timer
The power-on reset timer circuit provides a programma-
ble reset timer. The POREN pin is the enable for the reset
timer and includes a 1μA (typical) internal pull-up. Once
enabled, the reset timer begins an internal clock counter
that terminates after 64 cycles. Upon counter termination,
the RST open-drain output releases allowing the pin to
transition high. The RST output includes a weak, 100kΩ,
internal pull-up resistor to approximately 2V.
The power-on reset timeout period, tRST, can be pro-
grammed by connecting a capacitor, CPOR, between the
CPOR pin and ground. The value of tRST is calculated by:
tRST = 35.2 • CPOR
Figure 7. Sequencing the Outputs and POR
8601 F07
START
INTVCC
POREN
TRKSS1
PG3
LT8601
INTVCC
RUN3
PG2
TRKSS2
PG1
RST
where CPOR is in pF and tRST is in microseconds. For
example, using a capacitor value of 8.2nF gives a 289ms
reset timeout period. The accuracy of tRST will be deter-
mined by several factors including the accuracy and
temperature coefficient of the capacitor CPOR, parasitic
capacitance on the CPOR pin and board trace, and sys-
tem noise. It is not recommended to use capacitor values
greater than 10nF for best accuracy. Figure 6 shows the
power-on reset timing.
Sequencing
The LT8601 provides great flexibility in sequencing the
3 channels and the power-on reset timer. Each channel
has a power good output (PG1 to PG3) and a control-
ling input (TRKSS1, TRKSS2 and RUN3). The POR has
a control input (POREN) and a reset output (RST). All
4 outputs (PG1-PG3, RST) are open-drain, and all 4 inputs
(TRKSS1/2, RUN3, POREN) have internal pull-up currents
to reduce external component counts when not driven by
a PG pin. The soft-start function on the TRKSS pins will
1ms/DIV
POREN
1V/DIV
CPOR
1V/DIV
RST
2V/DIV
8601 F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com