Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD6636PCB
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636PCB Datasheet(HTML) 4 Page - Analog Devices

  AD6636PCB Datasheet HTML 1Page - Analog Devices AD6636PCB Datasheet HTML 2Page - Analog Devices AD6636PCB Datasheet HTML 3Page - Analog Devices AD6636PCB Datasheet HTML 4Page - Analog Devices AD6636PCB Datasheet HTML 5Page - Analog Devices AD6636PCB Datasheet HTML 6Page - Analog Devices AD6636PCB Datasheet HTML 7Page - Analog Devices AD6636PCB Datasheet HTML 8Page - Analog Devices AD6636PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
AD6636
Rev. 0 | Page 4 of 72
The overall filter response for the AD6636 is the composite of
all the combined filter stages. Each successive filter stage is
capable of narrower transition bandwidths, but requires a
greater number of CLK cycles to calculate the output. More
decimation in the first filter stage minimizes overall power
consumption. Data from the device is interfaced to a
DSP/FPGA/baseband processor via either high speed parallel
ports (preferred) or a DSP-compatible microprocessor interface.
The AD6636 is available both in 4-channel and 6-channel
versions. The data sheet primarily discusses the 6-channel part.
The only difference between the 6-channel and 4-channel
devices is that on the 4-channel version, Channels 4 and 5 are
not available (see Figure 1). The 4-channel device still has the
same input ports, output ports, and memory map. The memory
map section for Channels 4 and 5 can be programmed and read
back, but it serves no purpose.
PRODUCT HIGHLIGHTS
•
Six independent digital filtering channels
•
101 dB SNR noise performance, 110 dB spurious
performance
•
Four input ports capable of 150 MSPS input data rates
•
RMS/peak power monitoring of input ports and 96 dB
range AGCs before the output ports
•
Three programmable RAM coefficient filters, three half-
band filters, two fixed coefficient filters, and one fifth-order
CIC filter per channel
•
Complex filtering and biphase filtering (300 MSPS ADC
input) by combining filtering capability of multiple
channels
•
Three 16-bit parallel output ports operating at up to
200 MHz clock
•
Blackfin®- and TigerSHARC®-compatible 16-bit
microprocessor port
•
Synchronous serial communications port is compatible
with most serial interface standards, SPORT, SPI, and SSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com