Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD6636PCB
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6636PCB Datasheet HTML 3Page - Analog Devices AD6636PCB Datasheet HTML 4Page - Analog Devices AD6636PCB Datasheet HTML 5Page - Analog Devices AD6636PCB Datasheet HTML 6Page - Analog Devices AD6636PCB Datasheet HTML 7Page - Analog Devices AD6636PCB Datasheet HTML 8Page - Analog Devices AD6636PCB Datasheet HTML 9Page - Analog Devices AD6636PCB Datasheet HTML 10Page - Analog Devices AD6636PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
AD6636
Rev. 0 | Page 7 of 72
MICROPORT TIMING CHARACTERISTICS
Table 4. Microport Timing Characteristics1, 2
Parameter
Temp
Test Level
Min
Typ
Max
Unit
MICROPORT CLOCK TIMING REQUIREMENTS
tCPUCLK
CPUCLK Period
Full
IV
10.0
ns
tCPUCLKL
CPUCLK Low Time
Full
IV
1.53
0.5 × tCPUCLK
ns
tCPUCLKH
CPUCLK High Time
Full
IV
1.70
0.5 × tCPUCLK
ns
INM MODE WRITE TIMING (MODE = 0)
tSC
Control3 to
↑CPUCLK Setup Time
Full
IV
0.80
ns
tHC
Control3 to
↑CPUCLK Hold Time
Full
IV
0.09
ns
tSAM
Address/Data to
↑CPUCLK Setup Time
Full
IV
0.76
ns
tHAM
Address/Data to
↑CPUCLK Hold Time
Full
IV
0.20
ns
tDRDY
↑CPUCLK to RDY (DTACK) Delay
Full
IV
3.51
6.72
ns
tACC
Write Access Time
Full
IV
3 × tCPUCLK
9 × tCPUCLK
ns
INM MODE READ TIMING (MODE = 0)
tSC
Control3 to
↑CPUCLK Setup Time
Full
IV
1.00
ns
tHC
Control3 to
↑CPUCLK Hold Time
Full
IV
0.03
ns
tSAM
Address to
↑CPUCLK Setup Time
Full
IV
0.80
ns
tHAM
Address to
↑CPUCLK Hold Time
Full
IV
0.20
ns
tDD
↑CPUCLK to Data Delay
Full
V
5.0
ns
tDRDY
↑CPUCLK to RDY (DTACK) Delay
Full
IV
4.50
6.72
ns
tACC
Read Access Time
Full
IV
3 × tCPUCLK
9 × tCPUCLK
ns
MNM MODE WRITE TIMING (MODE = 1)
tSC
Control3 to
↑CPUCLK Setup Time
Full
IV
1.00
ns
tHC
Control3 to
↑CPUCLK Hold Time
Full
IV
0.00
ns
tSAM
Address/Data to
↑CPUCLK Setup Time
Full
IV
0.00
ns
tHAM
Address/Data to
↑CPUCLK Hold Time
Full
IV
0.57
ns
tDDTACK
↑CPUCLK to DTACK (RDY) Delay
Full
IV
4.10
5.72
ns
tACC
Write Access Time
Full
IV
3 × tCPUCLK
9 × tCPUCLK
ns
MNM MODE READ TIMING (MODE = 1)
tSC
Control3 to
↑CPUCLK Setup Time
Full
IV
1.00
ns
tHC
Control3 to
↑CPUCLK Hold Time
Full
IV
0.00
ns
tSAM
Address to
↑CPUCLK Setup Time
Full
IV
0.00
ns
tHAM
Address to
↑CPUCLK Hold Time
Full
IV
0.57
ns
tDD
CPUCLK to Data Delay
Full
V
5.0
ns
tDDTACK
↑CPUCLK to DTACK (RDY) Delay
Full
IV
4.20
6.03
ns
tACC
Read Access Time
Full
IV
3 × tCPUCLK
9 × tCPUCLK
ns
1 All timing specifications are valid over the VDDCORE range of 1.7 V to 1.9 V and the VDDIO range of 3.0 V to 3.6 V.
2 CLOAD = 40 pF on all outputs, unless otherwise noted.
3 Specification pertains to control signals: R/W (WR), DS (RD), and CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com