Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD6636PCB
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6636PCB Datasheet HTML 6Page - Analog Devices AD6636PCB Datasheet HTML 7Page - Analog Devices AD6636PCB Datasheet HTML 8Page - Analog Devices AD6636PCB Datasheet HTML 9Page - Analog Devices AD6636PCB Datasheet HTML 10Page - Analog Devices AD6636PCB Datasheet HTML 11Page - Analog Devices AD6636PCB Datasheet HTML 12Page - Analog Devices AD6636PCB Datasheet HTML 13Page - Analog Devices AD6636PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
AD6636
Rev. 0 | Page 10 of 72
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
34
56
7
8
9
10
11
12
13
14
15
16
A
GND
INC3
IND4
IND7
CLKD
CLKC
IND11
GND
VDDCORE
IND14
IND15
SYNC1
TDO
PBGAIN
PB11
GND
A
B
IND0
VDDIO
INC2
IND5
IND6
IND8
IND10
IND12
IND13
INC14
SYNC3
SYNC0
TRST
PBCH2
VDDIO
PB12
B
C
EXPA1
EXPD1
INC0
INC1
IND3
INC5
IND9
INC10
INC13
SYNC2
TMS
TCLK
PBCH0
PB8
PB15
PB10
C
D
EXPB0
EXPC2
EXPC1
EXPD0
IND2
INC4
INC7
INC9
INC12
TDI
PBCH1
PBIQ
PB14
PB9
PB13
PACH1
D
E
INA14
INA15
EXPA0
LVDS_RSET
GND
IND1
INC6
INC8
INC11
INC15
PBREQ
PBACK
PB4
PB5
PB1
PCLK
E
F
INA12
INA13
EXPB1
EXPC0
EXPD2
GND
VDDIO
VDDIO
VDDIO
VDDIO
GND
PB6
PB0
PB7
PAREQ
PA0
F
G
INA11
INB13
INB15
EXPB2
EXPA2
VDDCORE
GND
GND
GND
GND
VDDCORE
PB3
PAGAIN
PB2
PACH0
PA2
G
H VDDCORE
INA10
INB12
INB11
INB14
VDDCORE
GND
GND
GND
GND
VDDCORE
PACH2
PAIQ
PAACK
PA1
GND
H
J
GND
INA9
INB10
INB8
INB9
VDDCORE
GND
GND
GND
GND
VDDCORE
PA3
PA7
PA5
PA4
VDDCORE
J
K
CLKA
INA8
INA7
INB6
INB7
VDDCORE
GND
GND
GND
GND
VDDCORE
PA12
PA15
PA9
PA8
PA6
K
L
CLKB
INA6
INB4
INB1
INB3
GND
VDDIO
VDDIO
VDDIO
VDDIO
GND
PC3
PCACK
PCCH1
PA13
PA10
L
R
CPUCLK
(SCLK)
VDDIO
MSB_
FIRST
EXT_
FILTER
CHIPID1
D14
D10
D11
D6
D0
A3
A1
PC9
PC6
VDDIO
PCREQ
R
1
2
34
56
7
8
9
10
11
12
13
14
15
16
= VDDCORE
= VDDIO
= GROUND
M
INA5
INB5
INB2
INB0
GND
D13
D15
D5
A5
PC12
PC7
PC2
PC0
PCCH0
PA11
M
DTACK
(RDY, SDO)
N
INA4
INA3
INA0
CHIPID2
D12
D2
D1
A4
A0 (SDI)
PC15
PC5
PC1
PCCH2
PA14
N
R/W (WR,
STFS)
CS (SCS)
P
INA2
INA1
SMODE
CHIPID3
GND
D9
D4
A6
A2
PC11
PC10
PC4
PCIQ
PCGAIN
P
DS (RD,
SRFS)
RESET
T
GND
MODE
CHIPID0
D7
D8
D3
VDDCORE
GND
GND
A7
PC14
PC13
PC8
GND
GND
T
IRP
Figure 2. CSP_BGA Pin Configuration
Table 7. Pin Names and Functions
Name
Type
Pin No.
Function
POWER SUPPLY
VDDCORE
Power
See Table 8
1.8 V Digital Core Supply.
VDDIO
Power
See Table 8
3.3 V Digital I/O Supply.
GND
Ground
See Table 8
Digital Core and I/O Ground.
INPUT (ADC) PORTS (CMOS/LVDS)
CLKA
Input
K1
Clock for Input Port A. Used to clock INA[15:0] and EXPA[2:0] data. Additionally,
this clock is used to drive internal circuitry and PLL clock multiplier.
CLKB
Input
L1
Clock for Input Port B. Used to clock INB[15:0] and EXPB[2:0] data.
CLKC
Input
A6
Clock for Input Port C. Used to clock INC[15:0] and EXPC[2:0] data.
CLKD
Input
A5
Clock for Input Port D. Used to clock IND[15:0] and EXPD[2:0] data.
INA[0:15]
Input
See Table 8
Input Port A (Parallel).
INB[0:15]
Input
See Table 8
Input Port B (Parallel).
INC[0:15]
Input
See Table 8
Input Port C (Parallel).
IND[0:15]
Input
See Table 8
Input Port D (Parallel).
EXPA[0:2]
Bidirectional
E3, C1, G5
Exponent Bus Input Port A. Gain control output.
EXPB[0:2]
Bidirectional
D1, F3, G4
Exponent Bus Input Port B. Gain control output.
EXPC[0:2]
Bidirectional
F4, D3, D2
Exponent Bus Input Port C. Gain control output.
EXPD[0:2]
Bidirectional
D4, C2, F5
Exponent Bus Input Port D. Gain control output.
CLKA, CLKB
Input
K1, L1
LVDS Differential Clock for LVDS_A Input Port (LVDS_CLKA+, LVDS_CLKA−).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com