Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD6636PCB
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636PCB Datasheet(HTML) 5 Page - Analog Devices

  AD6636PCB Datasheet HTML 1Page - Analog Devices AD6636PCB Datasheet HTML 2Page - Analog Devices AD6636PCB Datasheet HTML 3Page - Analog Devices AD6636PCB Datasheet HTML 4Page - Analog Devices AD6636PCB Datasheet HTML 5Page - Analog Devices AD6636PCB Datasheet HTML 6Page - Analog Devices AD6636PCB Datasheet HTML 7Page - Analog Devices AD6636PCB Datasheet HTML 8Page - Analog Devices AD6636PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
AD6636
Rev. 0 | Page 5 of 72
SPECIFICATIONS
Table 1. Recommended Operating Conditions
Parameter
Temp
Test Level
Min
Typ
Max
Unit
VDDCORE
Full
IV
1.7
1.8
1.9
V
VDDIO
Full
IV
3.0
3.3
3.6
V
TAMBIENT
Full
IV
−40
+25
+85
°C
ELECTRICAL CHARACTERISTICS
Table 2. Electrical Characteristics1
Parameter
Temp
Test Level
Min
Typ
Max
Unit
LOGIC INPUTS (NOT 5 V TOLERANT)
Logic Compatibility
Full
IV
3.3
V CMOS
Logic 1 Voltage
Full
IV
2.0
3.6
V
Logic 0 Voltage
Full
IV
−0.3
+0.8
V
Logic 1 Current
Full
IV
1
10
µA
Logic 0 Current
Full
IV
1
10
µA
Input Capacitance
25°C
V
4
pF
LOGIC OUTPUTS
Logic Compatibility
Full
IV
3.3
V CMOS
Logic 1 Voltage (IOH = 0.25 mA)
Full
IV
2.0
VDDIO − 0.2
V
Logic 0 Voltage (IOL = 0.25 mA)
Full
IV
0.2
0.4
V
SUPPLY CURRENTS
WCDMA (61.44 MHz) Example1
IVDDCORE
25°C
V
450
mA
IVDDIO
25°C
V
50
mA
CDMA 2000 (61.44 MHz) Example1
25°C
V
IVDDCORE
25°C
V
400
mA
IVDDIO
25°C
V
25
mA
TDS-CDMA (76.8 MHz) Example1, 2
IVDDCORE
25°C
V
250
mA
IVDDIO
25°C
V
15
mA
GSM (65 MHz) Example1, 2
IVDDCORE
25°C
V
175
mA
IVDDIO
25°C
V
10
mA
TOTAL POWER DISSIPATION
WCDMA (61.44 MHz)1
25°C
V
975
mW
CDMA 2000 (61.44 MHz)1
25°C
V
800
mW
TDS-CDMA, (76.8 MHz)1, 2
25°C
V
500
mW
GSM, (65 MHz)1, 2
25°C
V
350
mW
1 One input port, all six channels, and the relevant signal processing blocks are active.
2 PLL is turned off for power savings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com