Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636PCB Datasheet(PDF) 71 Page - Analog Devices

Part # AD6636PCB
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636PCB Datasheet(HTML) 71 Page - Analog Devices

Back Button AD6636PCB Datasheet HTML 64Page - Analog Devices AD6636PCB Datasheet HTML 65Page - Analog Devices AD6636PCB Datasheet HTML 66Page - Analog Devices AD6636PCB Datasheet HTML 67Page - Analog Devices AD6636PCB Datasheet HTML 68Page - Analog Devices AD6636PCB Datasheet HTML 69Page - Analog Devices AD6636PCB Datasheet HTML 70Page - Analog Devices AD6636PCB Datasheet HTML 71Page - Analog Devices AD6636PCB Datasheet HTML 72Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
AD6636
Rev. 0 | Page 71 of 72
If JTAG is used, the designer should ensure that the TRST
pin is pulled low during power-up. After the power
supplies have settled to nominal values (1.8 V and 3.3 V),
the TRST pin can be pulled high for JTAG control. When
JTAG control is no longer required, the TRST pin should
ideally be pulled low again.
• The CPUCLK (SCLK) is the clock used for programming
via the microport (serial port). This clock needs to be
provided by the designer to the part (slave clock). The
designer should ensure that this clock’s frequency is less
than or equal to the frequency of the CLKA signal.
Additionally, the frequency of the CPUCLK (SCLK) should
always be less than 100 MHz.
• CLKA, CLKB, CLKC, and CLKD are used as individual
clocks to input data into Input Ports A, B, C, and D,
respectively. All these clocks are required to have same
frequency and should ideally be generated from the same
clock source. Note that CLKA is used to drive the internal
circuitry and the PLL clock multiplier. Therefore, even if
Input Port A is not used, CLKA should be driven by the
input clock.
• The microport data bus is 16 bits wide. Both 8-bit and 16 bit
modes are available using this part. If 8-bit mode is used, the
MSB of the data bus (D[15:8]) can be left floating or
connected to GND.
• The output parallel port has a one clock cycle overhead. If
two channels (with the same data rates) are output on one
output port in 16-bit interleaved I/Q mode along with an
AGC word, this requires three clock cycles for one sample
from each channel (one clock each for I data, Q data, and
gain data). Therefore, the total number of clock cycles
required to output the data is 3 clocks/channel × 2 channels
+ 1 (overhead) = 7 clock cycles.
The number of clock cycles required for each channel can
be 3 (interleaved I + Q + gain word), or 2 (parallel I /Q +
gain) or 2 (interleaved I + Q) or 1 (interleaved I/Q).
Designers should make sure that sufficient time is allowed
to output these channels on one output port. Also note that
the I, Q, and gain for a particular channel all come out on a
single output port and cannot be divided among output
ports.
• When CRCF and DRCF filters are disabled, the coefficient
memory cannot be read back, because the clock to the
coefficient RAM is also cut off.
• In the Intel mode microport, the beginning of a read and
write access is indicated by the RDY pin going low. The
access is complete only when the RDY pin goes high. In the
Motorola mode microport, the completion of a read and
write access is indicated by the DTACK going low. In both
modes, CS, RD (DS), and WR (R/W) should be active until
access is complete; otherwise, an incomplete access results.
• In both Intel and Motorola modes, if CS is held low even
after microport read or write access is complete, the
microport initiates a second access. This is a problem while
writing or reading from coefficient RAM, where each access
writes to or reads from a different RAM address. This can be
fixed by writing to one coefficient RAM address at a time,
that is, the coefficient start and stop address registers have
the same value.
• In SPI mode programming, the SCS pin needs to go high
(inactive) after writing or reading each byte (eight clock
cycles on the SCLK pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com