Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5530ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5530ACPZ-R7
Description  DC to 1000 MHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5530ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5530ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADL5530
Data Sheet
Rev. C | Page 4 of 16
TYPICAL SCATTERING PARAMETERS
VPOS = 5 V and TA = 25°C.
Table 2.
Freq.
(MHz)
S11
S21
S12
S22
K
Factor
dB
Magnitude
Angle
dB
Magnitude
Angle
dB
Magnitude
Angle
dB
Magnitude
Angle
10
−7.1
0.44
−34
17.2
7.23
172
−22.5
0.08
22
−17.7
0.13
−69
0.94
20
−9.7
0.33
−26
16.7
6.81
174
−21.9
0.08
12
−24.4
0.06
−73
1.07
50
−11.2
0.28
−16
16.6
6.73
174
−21.7
0.08
4
−31.4
0.03
−42
1.10
100
−11.5
0.27
−13
16.5
6.70
171
−21.6
0.08
1
−30.4
0.03
−23
1.10
150
−11.4
0.27
−14
16.5
6.67
167
−21.6
0.08
−1
−29.3
0.03
−24
1.10
200
−11.5
0.27
−16
16.4
6.59
162
−21.6
0.08
−3
−27.7
0.04
−25
1.11
250
−11.4
0.27
−19
16.3
6.52
157
−21.6
0.08
−4
−26.6
0.05
−25
1.11
300
−11.4
0.27
−23
16.2
6.45
153
−21.6
0.08
−5
−25.1
0.06
−27
1.12
350
−11.3
0.27
−26
16.1
6.36
149
−21.6
0.08
−6
−23.7
0.07
−29
1.12
400
−11.2
0.27
−29
16.0
6.29
144
−21.6
0.08
−7
−22.2
0.08
−32
1.12
450
−11.1
0.28
−32
15.9
6.21
140
−21.6
0.08
−8
−20.7
0.09
−33
1.12
500
−11.1
0.28
−36
15.7
6.11
136
−21.6
0.08
−9
−19.6
0.10
−35
1.12
550
−11.0
0.28
−39
15.6
6.02
132
−21.7
0.08
−10
−18.4
0.12
−37
1.13
600
−10.9
0.29
−42
15.5
5.94
128
−21.7
0.08
−11
−17.3
0.14
−38
1.13
650
−10.8
0.29
−45
15.3
5.84
124
−21.6
0.08
−12
−16.4
0.15
−40
1.12
700
−10.7
0.29
−49
15.2
5.73
119
−21.6
0.08
−13
−15.5
0.17
−41
1.13
750
−10.6
0.29
−52
15.0
5.62
115
−21.6
0.08
−13
−14.6
0.19
−44
1.13
800
−10.6
0.30
−55
14.8
5.51
111
−21.6
0.08
−14
−13.8
0.20
−45
1.12
850
−10.4
0.30
−58
14.6
5.39
107
−21.6
0.08
−15
−13.1
0.22
−47
1.12
900
−10.3
0.30
−61
14.4
5.28
104
−21.6
0.08
−16
−12.4
0.24
−49
1.12
950
−10.2
0.31
−64
14.3
5.17
100
−21.6
0.08
−17
−11.7
0.26
−51
1.12
1000
−10.1
0.31
−66
14.1
5.06
96
−21.6
0.08
−18
−11.2
0.28
−52
1.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com