Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5530ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5530ACPZ-R7
Description  DC to 1000 MHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5530ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5530ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADL5530
Data Sheet
Rev. C | Page 12 of 16
EVALUATION BOARD
Figure 25 shows the schematic for the ADL5530 evaluation
board. The board is powered by a single supply (between 3 V
and 5 V).
The components used on the board are listed in Table 6. Power
can be applied to the board through clip-on leads (J5, J6),
through an edge connector (P1), or through Jumper W1. Note
that IN2, OUT2, T1, T2, C6, C7 and C10 have no function.
Because Pin 1, Pin 3 and Pin 6 of ADL5530 are No Connects,
these pins are grounded on this PCB (this has no effect on
electrical performance).
J1
IN1
J5
VPOS
1
2
3
4
8
7
6
5
C1
10nF
C2
10nF
C5
10nF
C6
OPEN
C7
OPEN
C10
OPEN
L1
470nH
J2
OUT1
NC = NO CONNECT
J6
GND
ADL5530
NC
IN1
NC
NC
GND
OUT1
NC
NC
Figure 25. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com