Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5530ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5530ACPZ-R7
Description  DC to 1000 MHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5530ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5530ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADL5530
Rev. C | Page 9 of 16
150
70
80
90
100
110
120
130
140
–6
–4
–2
02468
10
12
14
16
18
20
22
POUT (dBm)
5V, +25°C
5V, –40°C
5V, +85°C
3.3V, +25°C
3.3V, –40°C
3.3V, +85°C
Figure 15. Supply Current vs. POUT and Temperature and Supply,
VPOS = 5 V and 3 V
20
0
30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45
OIP3 (dBm)
18
16
14
12
10
8
6
4
2
Figure 16. OIP3 Distribution at 190 MHz, 5 V
18
0
20.0
20.4
20.8
21.2
21.6
22.0
22.4
22.8
20.2
20.6
21.0
21.4
21.8
22.2
22.6
23.0
P1dB (dBm)
16
14
12
10
8
6
4
2
Figure 17. P1dB Distribution at 190 MHz, VPOS = 5 V
6.0
2.0
0
1000
FREQUENCY (MHz)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
100
200
300
400
500
600
700
800
900
BLACK = +25°C
BLUE = –40°C
RED = +85°C
Figure 18. Noise Figure Temperature Distribution, VPOS = 5 V
20
0
15.5
15.7
15.9
16.1
16.3
16.5
16.7
16.9
17.1
17.3
17.5
17.7
17.9
18.1
18.3
18.5
GAIN (dB)
18
16
14
12
10
8
6
4
2
Figure 19. Gain Distribution at 190 MHz, VPOS = 5 V
40
0
2.0
NOISE FIGURE (dB)
35
30
25
20
15
10
5
2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4
Figure 20. Noise Figure Distribution at 190 MHz, VPOS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com