Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5530ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5530ACPZ-R7
Description  DC to 1000 MHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5530ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5530ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADL5530
Rev. C | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
40
0
0
1000
FREQUENCY (MHz)
35
30
25
20
15
10
5
100
200
300
400
500
600
700
800
900
OIP3 (10dBm)
P1dB
GAIN
NF
Figure 3. Gain, P1dB, OIP3, and Noise Figure vs. Frequency, VPOS = 5 V
17.5
12.0
0
1000
FREQUENCY (MHz)
17.0
16.5
16.0
15.5
15.0
14.5
14.0
13.5
13.0
12.5
100
200
300
400
500
600
700
800
900
+85°C
–40°C
+25°C
Figure 4. Gain vs. Frequency and Temperature, VPOS = 5 V
25
–15
–30
10
INPUT POWER (dBm)
20
15
10
5
0
–5
–10
18
10
17
16
15
14
13
12
11
–25
–20
–15
–10
–5
0
5
GAIN
POUT
Figure 5. Output Power and Gain vs. Input Power, f = 190 MHz, VPOS = 5 V
40
0
0
1000
FREQUENCY (MHz)
35
30
25
20
15
10
5
100
200
300
400
500
600
700
800
900
OIP3 (5dBm)
P1dB
GAIN
NF
Figure 6. Gain, P1dB, OIP3, and Noise Figure vs. Frequency, VPOS = 3 V
17.0
13.5
0
1000
FREQUENCY (MHz)
100
200
300
400
500
600
700
800
900
16.5
16.0
15.5
15.0
14.5
14.0
3V
5V
Figure 7. Gain vs. Frequency and Supply, VPOS = 5 V and 3 V
0
–35
0
1000
FREQUENCY (MHz)
100
200
300
400
500
600
700
800
900
–5
–10
–15
–20
–25
–30
S11
S12
S22
Figure 8. Input Return Loss, Output Return Loss, and Reverse Isolation vs.
Frequency, VPOS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com