Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5530ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5530ACPZ-R7
Description  DC to 1000 MHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5530ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5530ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADL5530
Data Sheet
Rev. C | Page 8 of 16
40
16
0
1000
FREQUENCY (MHz)
38
36
34
32
30
28
26
24
22
20
18
100
200
300
400
500
600
700
800
900
OIP3 (–40°C)
OIP3 (+85°C)
OIP3 (+25°C)
P1dB (+25°C)
P1dB (–40°C)
P1dB (+85°C)
Figure 9. OIP3 and P1dB vs. Frequency and Temperature, VPOS = 5 V
45
15
024
POUT (dBm)
40
35
30
25
20
2468
10
12
14
16
18
20
22
190MHz
900MHz
380MHz
70MHz
Figure 10. OIP3 vs. Output Power and Frequency, VPOS = 5 V
10
2
0
1000
FREQUENCY (MHz)
9
8
7
6
5
4
3
100
200
300
400
500
600
700
800
900
+25°C
–40°C
+85°C
Figure 11. Noise Figure vs. Frequency and Temperature, VPOS = 5 V
40
27
0
1000
FREQUENCY (MHz)
39
38
37
36
35
34
33
32
31
30
29
28
100
200
300
400
500
600
700
800
900
3V (5dBm)
5V (10dBm)
Figure 12. OIP3 vs. Frequency and Supply, VPOS = 5 V and 3 V
12
2
01000
FREQUENCY (MHz)
11
10
9
8
7
6
5
4
3
100
200
300
400
500
600
700
800
900
5V
3V
Figure 13. Noise Figure vs. Frequency and Supply, VPOS = 5 V and 3 V
140
90
–40
90
TEMPERATURE (°C)
135
130
125
120
115
110
105
100
95
–30 –20 –10
0
10
20
30
40
50
60
70
80
5V
3V
Figure 14. Supply Current vs. Temperature and Supply, VPOS = 5 V and 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com