Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5531ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5531ACPZ-R7
Description  20 MHz to 500 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5531ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5531ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADL5531
Data Sheet
Rev. C | Page 4 of 12
TYPICAL SCATTERING PARAMETERS
VPOS = 5 V and TA = 25°C. The effects of the test fixture have been de-embedded up to the pins of the device.
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
20
−19.9933
−132.614
21.99753
173.7349
−24.2574
4.854191
−19.1444
−46.7161
50
−19.6622
−151.093
21.20511
170.3258
−23.4894
5.603544
−21.4752
−89.9497
100
−17.9244
−166.031
20.83152
167.5595
−23.22
6.119636
−23.0386
−115.741
150
−18.4041
−177.116
20.67117
164.1871
−23.0914
6.631844
−23.335
−119.722
200
−18.6386
+179.6269
20.56097
160.4721
−22.9921
7.784913
−22.8555
−115.855
250
−19.2303
+175.3384
20.45422
156.5272
−22.9219
8.763143
−21.6619
−111.307
300
−19.4456
+175.0622
20.34563
152.4398
−22.8475
9.908631
−20.2707
−106.681
350
−20.1783
+173.422
20.21365
148.3008
−22.7662
11.21706
−18.7007
−104.369
400
−20.2409
+174.1593
20.07116
144.2311
−22.665
12.36953
−17.1242
−103.565
450
−20.7266
+175.6233
19.90932
140.0789
−22.5569
13.57857
−15.726
−103.863
500
−20.6064
+175.853
19.72779
135.9952
−22.4519
14.73385
−14.41
−105.079



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com