Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5531ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5531ACPZ-R7
Description  20 MHz to 500 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5531ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5531ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADL5531
Data Sheet
Rev. C | Page 10 of 12
EVALUATION BOARD
Figure 19 shows the schematic for the ADL5531 evaluation
board. The board is powered by a single 5 V supply.
The components used on the board are listed in Table 5. Power
can be applied to the board through clip-on leads or through
Jumper W1. Note that C4, C7, C8, L3, L4, L5, R1, and R2 have
no function.
Figure 17. Evaluation Board Layout (Bottom)
Figure 18. Evaluation Board Layout (Top)
5
CLIN
8
NC
NC
NC = NO CONNECT
Z1
RFIN
RFOUT
L1
470nH
L5
OPEN
L4
OPEN
4
6
NC
RFIN
2
7
RFOUT
NC
3
NC
ADL5531
1
C1
10nF
C3
1nF
C7
OPEN
R2
OPEN
C5
10nF
C2
10nF
C4
OPEN
C8
OPEN
C6
1µF
L3
OPEN
L2
0Ω
VPOS
(TESTLOOP RED)
GND
(TESTLOOP BLACK)
W1
R1
OPEN
Figure 19. Evaluation Board Schematic
Table 5. Evaluation Board Configuration Options
Component
Function
Default Value
Z1
DUT
ADL5531
C1, C2
AC coupling capacitors
10 nF, 0402
C3
Linearizer capacitor
1 nF, 0603
C5
Power supply decoupling capacitor
10 nF, 0603
C6
Power supply decoupling capacitor
1 µF, 0603
C4, C7, C8
Open
R1, R2
Open
L1
DC bias inductor
470 nH, 1008 (Coilcraft 1008CS-471XJLC or equivalent)
L2
0 Ω, 0402
L3, L4, L5
Open
VPOS, GND
Clip-on terminals for power supply
VPOS, GND
W1
2-pin jumper for connection of ground and supply via cable
W1
RFIN, RFOUT
50 Ω SMA female connectors
RFIN, RFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com