Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5531ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5531ACPZ-R7
Description  20 MHz to 500 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5531ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5531ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
20 MHz to 500 MHz
IF Gain Block
Data Sheet
ADL5531
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fixed gain of 20 dB
Operation up to 500 MHz
Input/output internally matched to 50 Ω
Integrated bias control circuit
Output IP3
41 dBm at 70 MHz
39 dBm at 190 MHz
Output 1 dB compression: 20.6 dB at 190 MHz
Noise figure: 2.5 dB at 190 MHz
Single 5 V power supply
Small footprint 8-lead LFCSP
ADL5534 20 dB gain dual-channel version
±2 kV ESD (Class 2)
FUNCTIONAL BLOCK DIAGRAM
NC = NO CONNECT
5CLIN
8NC
NC 4
6NC
RFIN 2
7RFOUT
NC 3
ADL5531
BIAS
CONTROL
LINEARIZER
NC 1
Figure 1.
GENERAL DESCRIPTION
The ADL5531 is a broadband, fixed-gain, linear amplifier
that operates at frequencies up to 500 MHz. The device can be
used in a wide variety of equipment, including cellular, satellite,
broadband, and instrumentation equipment.
The ADL5531 provides a gain of 20 dB, which is stable over
frequency, temperature, power supply, and from device to device.
This amplifier is single ended and internally matched to 50 Ω.
Only input/output ac coupling capacitors, power supply decoupling
capacitors, and external inductors are required for operation.
The ADL5531 is fabricated on a GaAs HBT process and has
an ESD rating of ±2 kV (Class 2). The device is packaged in an
8-lead 3 mm × 3 mm LFCSP that uses an exposed paddle for
excellent thermal impedance.
The ADL5531 consumes 100 mA on a single 5 V supply and is
fully specified for operation from −40°C to +85°C.
The dual-channel 20 dB gain version, ADL5534, is also available
from Analog Devices, Inc.


Similar Part No. - ADL5531ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5531ACPZ-R71 AD-ADL5531ACPZ-R71 Datasheet
321Kb / 12P
20 MHz to 500 MHz IF Gain Block
8/07-Revision 0
More results

Similar Description - ADL5531ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5532 AD-ADL5532 Datasheet
262Kb / 8P
20 MHz to 500 MHz IF Gain Blocks
May-2007
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
20 MHz to 500 MHz IF Gain Block
May-2007
ADL5531 AD-ADL5531 Datasheet
321Kb / 12P
20 MHz to 500 MHz IF Gain Block
8/07-Revision 0
ADL5534 AD-ADL5534_08 Datasheet
657Kb / 9P
20 MHz to 500 MHz IF Amplifier
Rev. PrE 2/08
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5535 AD-ADL5535 Datasheet
387Kb / 16P
20 MHz to 1.0 GHz IF Gain Block
REV. 0
ADL5530 AD-ADL5530_15 Datasheet
438Kb / 16P
DC to 1000 MHz IF Gain Block
REV. A
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
ADL5534 AD-ADL5534_14 Datasheet
410Kb / 16P
20 MHz to 500 MHz Dual IF Amplifier
2/14-Rev. A to Rev. B
ADL5536 AD-ADL5536_17 Datasheet
337Kb / 14P
20 MHz to 1.0 GHz IF Gain Block
Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com