Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5531ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5531ACPZ-R7
Description  20 MHz to 500 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5531ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5531ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADL5531
Rev. C | Page 9 of 12
BASIC CONNECTIONS
The basic connections for operating the ADL5531 are shown
in Figure 16. The input and output are ac-coupled with 10 nF
(0402) capacitors. DC bias is provided to the amplifier via an
inductor (Coilcraft 1008CS-471XJLC or equivalent) connected
to the RFOUT pin. The bias voltage should be decoupled using
10 nF and 1 μF capacitors.
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 15 shows the recommended land pattern for ADL5531.
To minimize thermal impedance, the exposed pad on the
package underside is soldered down to a ground plane. If
multiple ground layers exist, they are stitched together using
vias (a minimum of five vias is recommended). Pin 1, Pin 3,
Pin 4, Pin 6, and Pin 8 can be left unconnected or can be connected
to ground. Connecting these pins to ground slightly enhances
thermal impedance. For more information on land pattern design
and layout, refer to AN-772 Application Note, A Design and
Manufacturing Guide for the Lead Frame Chip Scale Package (LFCSP).
1.53mm
2.03mm
4
5
8
0.71mm
1
Figure 15. Recommended Land Pattern
5
CLIN
8
NC
NC
NC = NO CONNECT
RFIN
RFOUT
L1
470nH
4
6
NC
RFIN
2
7
RFOUT
NC
3
NC
ADL5531
1
C1
10nF
C3
1nF
C5
10nF
C2
10nF
C6
1µF
VPOS
(TESTLOOP RED)
GND
(TESTLOOP BLACK)
W1
Figure 16. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com