Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5531ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5531ACPZ-R7
Description  20 MHz to 500 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5531ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5531ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5531ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADL5531
Data Sheet
Rev. C | Page 8 of 12
0
5
10
15
20
25
30
35
40
45
37.5
37.9
38.3
38.7
39.1
39.5
39.9
40.3
OIP3 (dBm)
Figure 9. OIP3 Distribution at 190 MHz
0
10
20
30
40
50
60
20.0
20.2
20.4
20.6
20.8
21.0
21.2
21.4
P1dB (dBm)
Figure 10. P1dB Distribution at 190 MHz
0
5
10
15
20
25
30
35
40
45
50
19.7
19.9
20.1
20.3
20.5
20.7
20.9
19.8
20.0
20.2
20.4
20.6
20.8
21.0
GAIN (dB)
Figure 11. Gain Distribution at 190 MHz
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
Figure 12. Noise Figure vs. Frequency at 25°C, Multiple Devices Shown
50
60
70
80
90
100
110
120
130
140
150
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
5V
4.75V
5.25V
Figure 13. Supply Current vs. Supply Voltage and Temperature
115
55
60
65
70
75
80
85
90
95
100
105
110
–6
–4
–2
02468
10
12
14
16
18
20
22
POUT (dBm)
+25°C
–40°C
+85°C
Figure 14. Supply Current vs. POUT and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com