Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS665LSG Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS665LSG
Description  True Zero Speed, High Accuracy, Gear Tooth Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS665LSG Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS665LSG Datasheet HTML 4Page - Allegro MicroSystems ATS665LSG Datasheet HTML 5Page - Allegro MicroSystems ATS665LSG Datasheet HTML 6Page - Allegro MicroSystems ATS665LSG Datasheet HTML 7Page - Allegro MicroSystems ATS665LSG Datasheet HTML 8Page - Allegro MicroSystems ATS665LSG Datasheet HTML 9Page - Allegro MicroSystems ATS665LSG Datasheet HTML 10Page - Allegro MicroSystems ATS665LSG Datasheet HTML 11Page - Allegro MicroSystems ATS665LSG Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ATS665LSG
TRUE ZERO-SPEED GEAR TOOTH SENSOR
SENSOR OPERATION: AUTOMATIC GAIN CONTROL (AGC)
The patented self-calibrating circuitry is unique. After each power up, the device measures the peak-to-peak magnetic
signal. The gain of the sensor is then adjusted which keeps the internal signal amplitude constant over the air gap range of
the device. This feature provides operational characteristics independent of air gap.
DIFFERENTIAL MAGNETIC SIGNAL
WITH INCREASING AIR GAP
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
0123 456789 10 11 12 13 14 15
TARGET POSITION [DEGREES]
0.25 mm
0.50 mm
1.00 mm
1.50 mm
2.00 mm
Magnetic Signal with no Amplification
DIFFERENTIAL ELECTRICAL SIGNAL
WITH INCREASING AIR GAP
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
0 123 4 56789 10 11 12 13 14 15
TARGET POSITION [DEGREES]
0.25 mm
0.50 mm
1.00 mm
1.50 mm
2.00 mm
Electrical Signal after AGC
SENSOR OPERATION: OFFSET ADJUST
In addition to normalizing performance over air gap, the gain control circuitry also reduces the effect of chip, magnet, and
installation offsets. This is accomplished using two D/A converters that capture the peak and valley of the signal and use it
as a reference for the switching comparator. If induced offsets bias the absolute signal up or down, AGC and the dynamic
DAC behavior work to normalize and reduce the impact of the offset on sensor performance.
Final Version, Rev 1.0; DSD; 01Aug03
Page 8
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com