Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS665LSG Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS665LSG
Description  True Zero Speed, High Accuracy, Gear Tooth Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS665LSG Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS665LSG Datasheet HTML 1Page - Allegro MicroSystems ATS665LSG Datasheet HTML 2Page - Allegro MicroSystems ATS665LSG Datasheet HTML 3Page - Allegro MicroSystems ATS665LSG Datasheet HTML 4Page - Allegro MicroSystems ATS665LSG Datasheet HTML 5Page - Allegro MicroSystems ATS665LSG Datasheet HTML 6Page - Allegro MicroSystems ATS665LSG Datasheet HTML 7Page - Allegro MicroSystems ATS665LSG Datasheet HTML 8Page - Allegro MicroSystems ATS665LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ATS665LSG
True Zero Speed,
High Accuracy, Gear Tooth Sensor
Pin 1: VCC
Pin 2: VOUT
Pin 3: Tie to Gnd or Float
Pin 4: Gnd
The ATS665 true zero-speed gear tooth sensor is an optimized
Hall IC/magnet configuration packaged in a molded module that
provides a user-friendly solution for digital gear tooth sensing
applications.
The sensor module consists of an over-molded
package, which holds together a samarium cobalt magnet, a pole
piece and a true zero-speed Hall IC that has been optimized to the
magnetic circuit. This small package can be easily assembled and
used in conjunction with gears of various shapes and sizes.
The sensor incorporates a dual element Hall IC that switches in
response to differential magnetic signals created by a ferrous
target.
The IC contains a sophisticated compensating circuit
designed to reduce the detrimental effects of magnet and system
offsets. Digital processing of the analog signal provides zero speed
performance independent of air gap and also dynamic adaptation of
device performance to the typical operating conditions found in
automotive applications (reduced vibration sensitivity). High-
resolution peak detecting DACs are used to set the adaptive
switching thresholds of the device. Hysteresis in the thresholds
reduces the negative effects of any anomalies in the magnetic
signal associated with the targets used in many automotive
applications.
This sensor’s ability to provide tight duty cycle at high speeds
and over a wide temperature range makes it ideal for transmission
and industrial speed applications. The ATS665 is available in the
SG package in the automotive temperature range, -40° to 150° (L).
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
1,
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . 26.5 V
Reverse Supply Voltage,
VRCC . . . . . . . . . . . . . . . . . . . . . . . . . . –18 V
Reverse Output Current
2,
IRCC. . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Continuous Output Current,
IOUT . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Ambient Operating Temperature Range,
TA . . . . . . . . . . . . . . . . . . -40° C to 150°C
Storage Temperature,
TS . . . . . . . . . . . . . . . . . . . . -65° C to 170°C
Maximum Junction Temperature,
TJmax . . . . . . . . . . . . . . . . . . . . . . . . . 165° C
Maximum Junction Temperature – 100 Hours,
TJmax . . . . . . . . . . . . . . . . . . . . . . . . . 185° C
FEATURES & BENEFITS
True zero-speed operation
Switchpoints independent of air gap
High vibration immunity
Precise duty cycle signal over operating temperature range
Large operating air gaps
Defined power-on state
Wide operating voltage range
Digital output representing target profile
Single-chip sensing IC for high reliability
Small mechanical size
Optimized Hall IC magnetic system
200
µs power-on time at gear speed < 100 rpm
AGC and reference adjust circuit
Under-voltage lockout
1 Refer to power de-rating curve
Use complete part number when ordering: ATS665LSG.
2 VOUT ≥ -0.5V


Similar Part No. - ATS665LSG

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS665LSG ALLEGRO-ATS665LSG Datasheet
791Kb / 17P
True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS665LSG ALLEGRO-ATS665LSG Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
ATS665LSGTN-T ALLEGRO-ATS665LSGTN-T Datasheet
791Kb / 17P
True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
More results

Similar Description - ATS665LSG

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
ATS645LSH ALLEGRO-ATS645LSH Datasheet
408Kb / 14P
True Zero Speed Miniature Gear Tooth Sensor
ATS625LSG ALLEGRO-ATS625LSG Datasheet
538Kb / 21P
True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS660LSB ALLEGRO-ATS660LSB_06 Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
ATS667LSG ALLEGRO-ATS667LSG Datasheet
330Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS668LSM ALLEGRO-ATS668LSM Datasheet
1Mb / 13P
True Zero-Speed High-Accuracy Gear Tooth Sensor IC
ATS19200 ALLEGRO-ATS19200 Datasheet
675Kb / 13P
High-Accuracy Hall-Effect Wheel Speed Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com