Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS665LSG Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS665LSG
Description  True Zero Speed, High Accuracy, Gear Tooth Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS665LSG Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS665LSG Datasheet HTML 7Page - Allegro MicroSystems ATS665LSG Datasheet HTML 8Page - Allegro MicroSystems ATS665LSG Datasheet HTML 9Page - Allegro MicroSystems ATS665LSG Datasheet HTML 10Page - Allegro MicroSystems ATS665LSG Datasheet HTML 11Page - Allegro MicroSystems ATS665LSG Datasheet HTML 12Page - Allegro MicroSystems ATS665LSG Datasheet HTML 13Page - Allegro MicroSystems ATS665LSG Datasheet HTML 14Page - Allegro MicroSystems ATS665LSG Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ATS665LSG
TRUE ZERO-SPEED GEAR TOOTH SENSOR
Final Version, Rev 1.0; DSD; 01Aug03
Page 11
SENSOR/TARGET EVALUATION
In order to establish the proper operating specification for a particular sensor/target system, a systematic evaluation of the
magnetic circuit should be performed. The first step is the generation of a magnetic map of the target. By using a
calibrated device, a magnetic signature of the system is made. The following is a map of the 60-0 reference target. Flux
density shown is the differential of the magnetic fields sensed at the two Hall elements.
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
0
5
10
15
20
25
30
35
Position [º]
0.94mm
1.19mm
1.44mm
1.69mm
1.94mm
2.19mm
2.44mm
2.69mm
2.94mm
3.19mm
A single curve is distilled from this map data that describes the peak-peak magnetic field versus air gap. Knowing the
minimum amount of magnetic flux density that guarantees operation of the sensor, one can determine the maximum
operational air gap of the sensor/target system. Referring to the chart below, a minimum required peak-peak signal of 60G
corresponds to a maximum air gap of approximately 2.5 mm.
ATS665LSG 60-0 TARGET MAP
0
100
200
300
400
500
600
700
0.511.522.533
Air Gap [mm]
.5
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com