Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS665LSG Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS665LSG
Description  True Zero Speed, High Accuracy, Gear Tooth Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS665LSG Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS665LSG Datasheet HTML 8Page - Allegro MicroSystems ATS665LSG Datasheet HTML 9Page - Allegro MicroSystems ATS665LSG Datasheet HTML 10Page - Allegro MicroSystems ATS665LSG Datasheet HTML 11Page - Allegro MicroSystems ATS665LSG Datasheet HTML 12Page - Allegro MicroSystems ATS665LSG Datasheet HTML 13Page - Allegro MicroSystems ATS665LSG Datasheet HTML 14Page - Allegro MicroSystems ATS665LSG Datasheet HTML 15Page - Allegro MicroSystems ATS665LSG Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ATS665LSG
TRUE ZERO-SPEED GEAR TOOTH SENSOR
Final Version, Rev 1.0; DSD; 01Aug03
Page 12
TARGET DESIGN
For the generation of adequate magnetic field levels to maximize air gap performance, the following recommendations
should be followed in the design and specification of targets.
•
Tooth width > 2 mm
•
Valley width > 2 mm
•
Valley depth > 2 mm
•
Gear thickness > 3 mm
•
Target material must be low carbon steel
Though these parameters apply to targets of traditional geometry (radially oriented teeth with radial sensing), they can be
applied to stamped targets as well. For stamped geometries with axial sensing, the valley depth is intrinsically infinite so
the criteria for tooth width, valley width, material thickness (can be < 3 mm) and material specification need only be
considered.
SENSOR EVALUATION: ACCURACY
While the update algorithm will allow the sensor the adapt to system changes (i.e. air gap increase), major changes in air
gap can adversely affect switching performance. When characterizing sensor performance over a significant air gap range,
be sure to re-power the device at each air gap. This ensures that self-calibration occurs for each installation condition.
See the section entitled Characteristic Data for typical duty cycle performance.
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com