Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS665LSG Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS665LSG
Description  True Zero Speed, High Accuracy, Gear Tooth Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS665LSG Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS665LSG Datasheet HTML 1Page - Allegro MicroSystems ATS665LSG Datasheet HTML 2Page - Allegro MicroSystems ATS665LSG Datasheet HTML 3Page - Allegro MicroSystems ATS665LSG Datasheet HTML 4Page - Allegro MicroSystems ATS665LSG Datasheet HTML 5Page - Allegro MicroSystems ATS665LSG Datasheet HTML 6Page - Allegro MicroSystems ATS665LSG Datasheet HTML 7Page - Allegro MicroSystems ATS665LSG Datasheet HTML 8Page - Allegro MicroSystems ATS665LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ATS665LSG
TRUE ZERO-SPEED GEAR TOOTH SENSOR
OPERATING CHARACTERISTICS
Valid at TA = -40
oC to 150oC over air gap, unless otherwise noted
Typical operating parameters: Vcc = 12 V and TA = 25°C
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
Operating; Tj < Tjmax
3.3
–
24
V
Under Voltage Lockout
VCC(UV)
–
–
< Vcc
min
V
Reverse Supply Current
IRCC
VCC = –18 V
–
–
–10
mA
Supply Zener Clamp Voltage
VZ
Icc = IcconMAX + 3mA,TA = 25°C
26.5
–
–
V
Supply Zener Current
IZ
Test only; VCC = 28V, Tj < Tj(max)
–
–
Icconmax
+ 3
mA
Output OFF
–
8
14
mA
Supply Current
ICC
Output ON
–
8
14
mA
POWER-ON STATE CHARACTERISTICS
Power-On State
SPO
–
High
–
Power-On Time
tPO
Gear Speed < 100 RPM; VCC > VCC min
–
–
200
µs
OUTPUT STAGE
Low Output Voltage
VSat
Output = ON, ISINK = 20 mA
–
225
400
mV
Output Current Limit
Ilim
VOUT = 12 V, Tj < Tj(max)
25
45
70
mA
Output Leakage Current
IOFF
Output = OFF, VOUT = 24 V
–
–
10
µA
Output Rise Time
tr
RLOAD = 500 Ω, CLOAD = 10 pF
–
1.0
2
µs
Output Fall Time
tf
RLOAD = 500 Ω, CLOAD = 10 pF
–
0.6
2
µs
SWITCH POINT CHARACTERISTICS
Target Speed
S
Reference target
0
–
12000
rpm
Bandwidth
f-3dB
–
20
–
kHz
Operate Point
BOP
% of peak-to-peak signal, AG < AG (max)
–
70
–
%
Release Point
BRP
% of peak-to-peak signal, AG < AG (max)
–
30
–
%
Final Version, Rev 1.0; DSD; 01Aug03
Page 2
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com