Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4012DS
Description  Boost White LED Driver For TV Backlighting Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4012DS Datasheet HTML 1Page - Monolithic Power Systems MP4012DS Datasheet HTML 2Page - Monolithic Power Systems MP4012DS Datasheet HTML 3Page - Monolithic Power Systems MP4012DS Datasheet HTML 4Page - Monolithic Power Systems MP4012DS Datasheet HTML 5Page - Monolithic Power Systems MP4012DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV4012DS-00A –BOOST WHITE LED DRIVER FOR TV BACKLIGHTING APPLICATION
EV4012DS-00A Rev.1.01
www.MonolithicPower.com
2
11/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
SYNC
8
CS
5
VDD
2
CL
9
OVP
12
ISET
15
RT
7
GND
4
VIN
1
REF
10
PWM
13
FB
16
SL
6
GATE
3
FAULT
11
COMP
14
U1
MP4012/SO16
C1
C2
C7
L1
D2
US1G
C9
33nF
C10
220pF
C12
3k
R12
R4
R6
1.58k
R5
NC
C5
NC
C6
30k
R9
560k
R8
21k
R11
10k
R15
4.3k
R14
9.09k
R13
C13
3.32
R22
21.5k
R20
953k
R21
2k
R16
LED+
LED-
1k
R1
20.5k
R2
1nF
C4
1k
R19
NC
R7
VIN
PWM
A-DIM
SYNC
NC
R18
C3
Fault
12VIN
NC
R17
REF
REF
M1
M2
220pF
C8
100nF
C11
NC
R3
NC
D1
NC
R23
NC
R24
20
R10
NC
C14
NC
C15
8
5
2
7
1
3
4
6
CN1
EV4012DS-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1, C2
2.2μF
Ceramic
Capacitor;100V;X7R;1210
1210
muRata
GRM32ER72A225KA35L
1
C3
0.1μF
Ceramic
Capacitor;100V;X7R;0805
0805
TDK
C2012X7R2A104K
1
C4
1nF
Ceramic
Capacitor;50V;X7R;0603
0603
TDK
C1608X7R1H102K
4
C5,
C6,
C14,
C15
NC
1
C7
1μF
Ceramic
Capacitor;25V;X5R;0805
0805
muRata
GRM216R61E105KA12D
2
C8,
C12
220pF
Ceramic
Capacitor;50V;X7R;0603
0603
muRata
GRM188R71H221KA01D
1
C9
1μF
Ceramic
Capacitor;25V;X7R;0603
0603
muRata
GRM188R71E105KA12
1
C10
33nF
Ceramic
Capacitor;50V;X7R;0603
0603
muRata
GRM188R1H333KA61D
1
C11
100nF
Ceramic
Capacitor;25V;X7R;0603
0603
muRata
GRM188R71H104KA01D
1
C13
1μF/400V
Film Capacitor;400V; DIP
DIP
CBB 1μF/400V
2
LED+,
LED-
Connector
Connector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com