Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012DS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4012DS
Description  Boost White LED Driver For TV Backlighting Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012DS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4012DS Datasheet HTML 1Page - Monolithic Power Systems MP4012DS Datasheet HTML 2Page - Monolithic Power Systems MP4012DS Datasheet HTML 3Page - Monolithic Power Systems MP4012DS Datasheet HTML 4Page - Monolithic Power Systems MP4012DS Datasheet HTML 5Page - Monolithic Power Systems MP4012DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV4012DS-00A –BOOST WHITE LED DRIVER FOR TV BACKLIGHTING APPLICATION
EV4012DS-00A Rev.1.01
www.MonolithicPower.com
4
11/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 64V, 12VIN=12V, VLED=200V, ILED = 120mA, TA = 20ºC, unless otherwise noted.
PWM DUTY
PWM Dimming Curve
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1
VDS
100V/div.
VCOMP
5V/div.
VOUT
100V/div.
IL
500mA/div.
VDS
100V/div.
VCOMP
5V/div.
VOUT
100V/div.
ILED
100mA/div.
Steady State
Soft Start
PWM Dimming
OVP Recovery
Short Load Recovery
VDS
100V/div.
VPWM
5V/div.
VOUT
100V/div.
ILED
100mA/div.
VDS
100V/div.
VCOMP
5V/div.
VOUT
100V/div.
IL
500mA/div.
VDS
100V/div.
VCOMP
5V/div.
VOUT
100V/div.
ILED
100mA/div.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com