Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012DS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4012DS
Description  Boost White LED Driver For TV Backlighting Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012DS Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP4012DS Datasheet HTML 1Page - Monolithic Power Systems MP4012DS Datasheet HTML 2Page - Monolithic Power Systems MP4012DS Datasheet HTML 3Page - Monolithic Power Systems MP4012DS Datasheet HTML 4Page - Monolithic Power Systems MP4012DS Datasheet HTML 5Page - Monolithic Power Systems MP4012DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV4012DS-00A –BOOST WHITE LED DRIVER FOR TV BACKLIGHTING APPLICATION
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV4012DS-00A Rev.1.01
www.MonolithicPower.com
6
11/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
QUICK START GUIDE
1. Check the LED string voltage and preset the input voltage power supply to 50-90V.
2. Set a second power supply 12VIN to 12V as the power supply of IC. Set a third power supply to
5V as the PWM input to the EVB.
3. Connect all SYNC pin of all EVBs for synchronization if necessary.
4. Turn-off all power supplies. Connect all the power supply.
5. Connect the anode of the LED string to LED+, and the cathode to LED-.
6. Turn on the VIN power supply.
7. Turn on the 5V PWM power supply.
8. Turn on the 12VIN power supply. The LED string should be lighten
9. To demo the dimming function: replace the 5V PWM power supply with a function generator.
Set the PWM signal amplitude to 5V and the frequency within 100Hz to 2kHz range.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com