Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012DS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4012DS
Description  Boost White LED Driver For TV Backlighting Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012DS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4012DS Datasheet HTML 1Page - Monolithic Power Systems MP4012DS Datasheet HTML 2Page - Monolithic Power Systems MP4012DS Datasheet HTML 3Page - Monolithic Power Systems MP4012DS Datasheet HTML 4Page - Monolithic Power Systems MP4012DS Datasheet HTML 5Page - Monolithic Power Systems MP4012DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV4012DS-00A –BOOST WHITE LED DRIVER FOR TV BACKLIGHTING APPLICATION
EV4012DS-00A Rev.1.01
www.MonolithicPower.com
3
11/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV4012DS-00A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
CN1
CONN/9PIN/2.54MM/ Right
angle
CONN/9PIN/2.54MM
1
D1
NC
1
D2
US1G
Diode;400V;1A
SMA
MULTICOMP
US1G
1
L1
320μH
Inductor;320uH;EFD20
DIP
Inductor
1
M1
SMK730F
N-MOS;400V;5.5A;1Ω
TO-220
AUK
SMK730F
1
M2
SMK0260D N-MOS;600V;2A;3.9Ω
TO-252
AUK
SMK0260D
1
JR1
0
Film Resistor;5%
0603
Royalohm
0603J0000T5E
1
JR2
0
Film Resistor;5%
1206
Yageo
RC1206JR-070RL
1
JR3
0
Film Resistor;5%
0805
Royalohm
0805S8J0000T5E
5
JW1,
JW2,
JW3,
JW4,
JW5
JUMP WIRE
JUMP WIRE
2
R1,
R19
1k
Film Resistor;1%
0603
Yageo
RC0603FR-071KL
1
R2
20.5k
Film Resistor;1%
0603
Yageo
RC0603FR-0720K5L
6
R3,
R7,
R17,
R18,
R23,
R24
NC
2
R4,
R6
200m
Sense Resistor;1%;1/2W
1206
CYNTEC
RL1632H-R200-FN
1
R5
1.58k
Film Resistor;1%
0603
Yageo
RC0603FR-071K58L
1
R8
560k
Film Resistor;1%
0603
Yageo
RC0603FR-07560KL
1
R9
30k
Film Resistor;1%;
0603
Yageo
RC0603FR-0730KL
1
R10
20
Film Resistor;1%;
0603
Yageo
RC0603FR-0720RL
1
R11
21k
Film Resistor;1%
0603
Yageo
RC0603FR-0721KL
1
R12
3k
Film Resistor;1%
0603
Yageo
RC0603FR-073KL
1
R13
9.09k
Film Resistor;1%
0603
Yageo
RC0603FR-079K09L
1
R14
4.3k
Film Resistor;1%
0603
LION
RC0603FR-074K3L
1
R15
10k
Film Resistor;1%
0603
Yageo
RC0603FR-0710KL
1
R16
5.1k
Film Resistor;1%
0603
Yageo
RC0603FR-075K1L
1
R20
23.2k
Film Resistor;1%
0603
Yageo
RC0603FR-0723K2L
1
R21
1M
Film Resistor;1%
1206
Yageo
RC0603FR-071ML
1
R22
3.3
Resistor;1%
1206
Royalohm
1206F330KT5E
1
U1
MP4012DS MP4012DS
SOIC16
MP4012DS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com