Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4012DS
Description  Boost White LED Driver For TV Backlighting Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4012DS Datasheet HTML 1Page - Monolithic Power Systems MP4012DS Datasheet HTML 2Page - Monolithic Power Systems MP4012DS Datasheet HTML 3Page - Monolithic Power Systems MP4012DS Datasheet HTML 4Page - Monolithic Power Systems MP4012DS Datasheet HTML 5Page - Monolithic Power Systems MP4012DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV4012DS-00A
Boost White LED Driver
For TV Backlighting Application
EV4012DS-00A Rev.1.01
www.MonolithicPower.com
1
11/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV4012DS-00A Evaluation Board is
designed to demonstrate the capabilities of
MPS’
MP4012DS
for
TV
backlighting
applications. MP4012DS is a current mode
controller designed for high brightness LEDs.
With a 50-90V input VIN and a 12V power
supply for MP4012DS, EV4012DS-00A can
deliver a regulated voltage to drive a LED string.
The LED current is regulated to about 120mA,
The EV4012DS-00A can be synchronized,
Several EV4012DS-00As can be used together
to drive a TV panel.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
50-90
V
IC Power Supply
12VIN
12±10%
V
PWM Dimming
PWM
5±10%
V
LED Current
ILED
120
mA
Switching Frequency
fs
100
kHz
Over
Voltage
Protection
VLED-Max
212
V
FEATURES
• Constant Current WLED Driver
• High Frequency PWM Dimming
• Switching Frequency Synchronization
• Open Load Hiccup Mode Protection
• Short Load Hiccup Mode Protection
• Programmable Cycle-by-Cycle Over Current
Protection
• UVLO, Thermal Shutdown Protection
• Soft Start
APPLICATIONS
• TV Backlighting
• Large LCD Panel Backlighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology”, are Registered Trademarks of Monolithic
Power Systems, Inc.
Warning:
Although this board is designed to satisfy safety
requirements, the engineering prototype has not been agency
approved. Therefore, all testing should be performed using an
isolation transformer to provide the AC input to the prototype
board.
EV4012DS-00A EVALUATION BOARD
(L x W x H) 7.35cm x 5.84cm x 14mm
Board Number
MPS IC Number
EV4012DS-00A
MP4012DS
VIN (V)
Efficiency vs. VIN
90.00
91.00
92.00
93.00
94.00
95.00
96.00
97.00
50
60
70
80
90


Similar Part No. - MP4012DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4012DS MPS-MP4012DS Datasheet
326Kb / 17P
High-Brightness, High-Current Accuracy WLED Controller
More results

Similar Description - MP4012DS

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
White LED Driver For Buck-Boost Application
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
logo
Texas Instruments
LM3430 TI1-LM3430 Datasheet
1Mb / 35P
Boost Controller for LED Backlighting
logo
Monolithic Power System...
EV4601EF-00A MPS-EV4601EF-00A Datasheet
222Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4601ES-00A MPS-EV4601ES-00A Datasheet
213Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
logo
Major-Power Technology ...
MA2001 MPOWER-MA2001 Datasheet
231Kb / 7P
1.4A Boost for White LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com