Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4013GS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4013GS
Description  High-Brightness High-Current Accuracy WLED Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4013GS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4013GS Datasheet HTML 1Page - Monolithic Power Systems MP4013GS Datasheet HTML 2Page - Monolithic Power Systems MP4013GS Datasheet HTML 3Page - Monolithic Power Systems MP4013GS Datasheet HTML 4Page - Monolithic Power Systems MP4013GS Datasheet HTML 5Page - Monolithic Power Systems MP4013GS Datasheet HTML 6Page - Monolithic Power Systems MP4013GS Datasheet HTML 7Page - Monolithic Power Systems MP4013GS Datasheet HTML 8Page - Monolithic Power Systems MP4013GS Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EV4013-S-00A, HIGH-BRIGHTNESS HIGH-ACCURACY WLED CONTROLLER
EV4013-S-00A Rev. 1.0
www.MonolithicPower.com
2
11/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
GATE
3
CS
6
UVLO
4
VIN
1
ADIM_P
11
ADIM
12
PWM
9
EN
16
COMP
13
FAULT
2
GND
5
REF
8
RT
7
FB
14
DIMO
10
OVP
15
U1
MP4013(16)
PVIN
PGND
GND
VIN
2.2uF/100V
C5
D2
NS
SGND
NS
R2
1
2
330uH/EFD20
L1
2.2uF/50V
C6
PVIN
VIN=8-30V
2
1
1uF
C13
SGND
SGND
SGND
20K
R7
VIN
NS
C2
NS
C3
PGND
1nF
C8
2
1
100pF
C7
SGND
SGND
PGND
2K
R16
LED+
LED-
100nF
C9
1nF
C11
2K
R19
20K
R20
1nF
C14
SGND
PWM
ADIM
SGND
2K
R24
100K
R21
NS
R23
2K
R22
NS
C15
ADIM_P
2K
R17
20K
R18
1nF
C12
SGND
EN
GND
4.99
R10
4.99
R11
600V/2A
1
M2
SMK0260D
36V
150V 240mA
200m
R8
200m
R14
33nF
C16
560K
R15
47uF/100V
C4
200V/18A
1
M1
AP18N20GP
1N4148W
1
2
D3
WUGP20G
1
2
D1
400V/2A
100
R6
1nF
C10
20
R13
>10kHz
10uF/250V
C1
7.68K
R9
300K
R1
9.31K
R5
249K
R4
Fault
NS
R12
10K
R3
SGND
SGND
SGND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com