Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4013GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4013GS
Description  High-Brightness High-Current Accuracy WLED Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4013GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4013GS Datasheet HTML 1Page - Monolithic Power Systems MP4013GS Datasheet HTML 2Page - Monolithic Power Systems MP4013GS Datasheet HTML 3Page - Monolithic Power Systems MP4013GS Datasheet HTML 4Page - Monolithic Power Systems MP4013GS Datasheet HTML 5Page - Monolithic Power Systems MP4013GS Datasheet HTML 6Page - Monolithic Power Systems MP4013GS Datasheet HTML 7Page - Monolithic Power Systems MP4013GS Datasheet HTML 8Page - Monolithic Power Systems MP4013GS Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EV4013-S-00A
High-Brightness High-Current Accuracy
WLED Controller
EV4013-S-00A Rev. 1.0
www.MonolithicPower.com
1
11/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV4013-S-00A is designed to demonstrate
the capabilities of MPS’ MP4013 for LED
backlighting applications. The MP4013 is a
current mode controller designed for driving the
high brightness Light Emitting Diodes (LEDs)
with wide input voltage 8V-26V. It can be used
in
Boost,
Buck,
Buck-boost
and
SEPIC
topologies
With a 36-60V input PVIN and an 8-26V power
supply for MP4013, The evaluation board can
drive a single LED string with the LED current
regulated to 240mA and VLED voltage up to
150V. The PWM dimming, DC input analog
dimming and pulse analog dimming are all
included. The Over-Voltage protection, short
LED protection, short inductor/diode protection
and over current protection are integrated. The
fault pin goes to low when fault conditions are
detected.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
PVIN
36-60
V
IC Power Supply
VIN
8-26
V
LED Voltage
VLED
60 to 150
V
LED Current
ILED
240
mA
Switching Frequency
fs
110
kHz
Over Voltage
Protection
VOVP
165
V
FEATURES
• Constant-current WLED Driver
• 600mV Feedback Voltage with ±1.2%
Accuracy
• 8V-26V Input Voltage
• Programmable Switching Frequency
• Leading Edge Blanking for Current Sense
• High Dimming Ratio Fast DPWM Dimming
• DC Input or Pulse Signal Input Analog
Dimming
• 5V Reference Voltage with ±1% Accuracy
• External PWM Dimming MOS Driver
• Soft Start
• Programmable Bus Voltage UVLO
• Over Voltage Protection
• Short LED Protection
• Short Output Protection
• Over Current Protection
• Short Inductor/Diode Protection
• Fault Indicator
• Thermal Shutdown
APPLICATIONS
• TV Backlighting
• Large LCD Panels Backlighting
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
Warning: Although this board is designed to satisfy safety
requirements, the engineering prototype has not been agency
approved. Therefore, all testing should be performed using an
isolation transformer to provide the AC input to the prototype
board.
EV4013-S-00A EVALUATION BOARD
(L x W x H) 7.5cm x 6..5cm x 1.5cm
Board Number
MPS IC Number
EV4013-S-00A
MP4013GS


Similar Part No. - MP4013GS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4013 TOSHIBA-MP4013 Datasheet
138Kb / 5P
High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4013 TOSHIBA-MP4013 Datasheet
148Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4013 TOSHIBA-MP4013_07 Datasheet
148Kb / 5P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results

Similar Description - MP4013GS

ManufacturerPart #DatasheetDescription
logo
LEM
IT150-S LEM-IT150-S Datasheet
67Kb / 2P
HIGH ACCURACY CURRENT TRANSDUCER
logo
Micrel Semiconductor
MIC3203 MICREL-MIC3203 Datasheet
767Kb / 21P
High-Brightness LED Driver Controller with High-Side Current Sense
MAQ3203 MICREL-MAQ3203 Datasheet
786Kb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
logo
Monolithic Power System...
MP4012 MPS-MP4012 Datasheet
326Kb / 17P
High-Brightness, High-Current Accuracy WLED Controller
logo
Micrel Semiconductor
MAQ3203YM MICREL-MAQ3203YM Datasheet
786Kb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
25-Feb-2008
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
Micrel Semiconductor
MAQ3203 MICREL-MAQ3203_15 Datasheet
1Mb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
logo
TALEMA Group. LLC
ACX-1050 TALEMA-ACX-1050 Datasheet
419Kb / 2P
High Accuracy Current Transformers
logo
Monolithic Power System...
EV4008-S-00A MPS-EV4008-S-00A Datasheet
509Kb / 7P
High-Brightness High-Current Accuracy WLED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com