Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4013GS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4013GS
Description  High-Brightness High-Current Accuracy WLED Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4013GS Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP4013GS Datasheet HTML 1Page - Monolithic Power Systems MP4013GS Datasheet HTML 2Page - Monolithic Power Systems MP4013GS Datasheet HTML 3Page - Monolithic Power Systems MP4013GS Datasheet HTML 4Page - Monolithic Power Systems MP4013GS Datasheet HTML 5Page - Monolithic Power Systems MP4013GS Datasheet HTML 6Page - Monolithic Power Systems MP4013GS Datasheet HTML 7Page - Monolithic Power Systems MP4013GS Datasheet HTML 8Page - Monolithic Power Systems MP4013GS Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EV4013-S-00A, HIGH-BRIGHTNESS HIGH-ACCURACY WLED CONTROLLER
EV4013-S-00A Rev. 1.0
www.MonolithicPower.com
7
11/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
MAGNETIC COMPONENTS
A. FX371, Inductor (L1)
Electrical Diagram:
Winding Diagram
Winding Order
胶带圈数
(Tape Layer Number)
绕组顺序
(Winding No.)
始末脚位
(Start & End)
线径
φ
(Magnet Wire)
圈数
(Turns)
1
3
N1
2—〉7
0.3mm*4
60
Electric Characteristics
1
电感量
(Inductance)
L (2—7)
330µH±10%
100kHz
2
匝比
(Turn Ratio)
N1
60
3
抗电强度
(Electrical Strength)
Pri. Side ~ Sec. Side
Pri. Side ~ Core
Sec. Side ~ Core
N1
1T
3Ts



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com